Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS310N4A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS310N4A
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS310N4A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS310N4A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:202308C
1/6
双向晶闸管
TRIACS
CS310N4A
主要参数
MAIN CHARACTERISTICS
封装 Package
序号
Pin
引线名称
Description
1
主电极 1
MT1
2
门极
G
3
主电极 2
MT2
IT(RMS)
3.0A
VDRM
800V
VRRM
800V
IGT
10mA
用途
APPLICATIONS
 交流开关
 AC switching
 相位控制
 Phase control
产品特性
FEATURES
 玻璃钝化芯片,高
可靠性和一致性
 Glass-passivated mesa
chip for reliability and
uniform
 低通态电流和高
浪涌电流能力
 Low on-state voltage and
High ITSM
 环保 RoHS 产品
 RoHS products
TO-92


Similar Part No. - CS310N4A

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS310 CAMPBELL-CS310 Datasheet
617Kb / 3P
Quantum Sensor
06/23/2020
CS310 CAMPBELL-CS310 Datasheet
787Kb / 2P
Pyranometers, quantum sensors, and net radiometers
03/30/2020
logo
Amphenol Corporation
CS3100A18-3PW AMPHENOL-CS3100A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3PX AMPHENOL-CS3100A18-3PX Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3SW AMPHENOL-CS3100A18-3SW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
More results

Similar Description - CS310N4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com