Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3301T-CI/P Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3301T-CI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301T-CI/P Datasheet(HTML) 4 Page - Microchip Technology

  MCP3301T-CI/P Datasheet HTML 1Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 2Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 3Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 4Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 5Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 6Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 7Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 8Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP3301
DS21700C-page 4
© 2007 Microchip Technology Inc.
Reference Input
Voltage Range
0.4
—
V
DD
V
Note 2
Current Drain
—
—
100
0.001
150
3
µA
µA
CS = V
DD = 5V
Analog Inputs
Full-Scale Input Span
IN(+)-IN(-)
-V
REF
—V
REF
V
Absolute Input Voltage
IN(+)
-0.3
—
VDD + 0.3
V
IN(-)
-0.3
—
VDD + 0.3
V
Leakage Current
—
0.001
±1
µA
Switch Resistance
R
S
—1
—
k
Ω
See Figure 6-3
Sample Capacitor
C
SAMPLE
—
25
—
pF
See Figure 6-3
Digital Input/Output
Data Coding Format
Binary Two’s Complement
High Level Input Voltage
V
IH
0.7 V
DD
——
V
Low Level Input Voltage
V
IL
—
—
0.3 V
DD
V
High Level Output Voltage
V
OH
4.1
—
—
V
I
OH = -1 mA, VDD = 4.5V
Low Level Output Voltage
V
OL
——
0.4
V
I
OL = 1 mA, VDD = 4.5V
Input Leakage Current
I
LI
-10
—
10
µA
V
IN = VSS or VDD
Output Leakage Current
I
LO
-10
—
10
µA
V
OUT = VSS or VDD
Pin Capacitance
C
IN, COUT
—
—
10
pF
T
AMB = 25 °C, f = 1 MHz, Note 1
Timing Specifications
Clock Frequency (Note 8)
f
CLK
0.085
0.085
—
—
1.7
0.85
MHz
MHz
V
DD = 5V, f
SAMPLE = 100 ksps
V
DD = 2.7V, f
SAMPLE = 50 ksps
Clock High Time
t
HI
275
—
—
ns
Note 5
Clock Low Time
t
LO
275
—
—
ns
Note 5
CS Fall To First Rising CLK Edge
t
SUCS
100
—
—
ns
CLK Fall To Output Data Valid
t
DO
—
—
125
200
ns
ns
V
DD = 5V, see Figure 3-1
V
DD = 2.7V, see Figure 3-1
CLK Fall To Output Enable
t
EN
—
—
125
200
ns
ns
V
DD = 5V, see Figure 3-1
V
DD = 2.7V, see Figure 3-1
CS Rise To Output Disable
t
DIS
—
—
100
ns
See test circuits, Figure 3-1
(Note 1)
CS Disable Time
t
CSH
580
—
—
ns
D
OUT Rise Time
tR
—
—
100
ns
See test circuits, Figure 3-1; Note 1
D
OUT Fall Time
tF
—
—
100
ns
See test circuits, Figure 3-1; Note 1
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at V
DD = 5V, VSS = 0V, and VREF = 5V. Full differential input
configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with
T
AMB = -40°C to +85 °C (Note 7). Conversion speed (f
SAMPLE) is 100 ksps with fCLK = 17*fSAMPLE
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note
1:
This specification is established by characterization and not 100% tested.
2: See characterization graphs that relate converter performance to V
REF level.
3: VIN = 0.1V to 4.9V @ 1 kHz.
4: VDD = 5VDC ±500 mVP-P @ 1 kHz, see test circuit Figure 3-3.
5: Maximum clock frequency specification must be met.
6: V
REF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz
7: MSOP devices are only specified at 25°C and +85°C.
8: For slow sample rates, see Section 6.2.1 for limitations on clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com