Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3301T-CI/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3301T-CI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301T-CI/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP3301T-CI/P Datasheet HTML 1Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 2Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 3Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 4Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 5Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 6Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 7Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 8Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21700C-page 1
MCP3301
Features
• Full Differential Inputs
• ±1 LSB max DNL
• ±1 LSB max INL (MCP3301-B)
• ±2 LSB max INL (MCP3301-C)
• Single supply operation: 2.7V to 5.5V
• 100 ksps sampling rate with 5V supply voltage
• 50 ksps sampling rate with 2.7V supply voltage
• 50 nA typical standby current, 1 µA max
• 450 µA max active current at 5V
• Industrial temp range: -40°C to +85 °C
• 8-pin MSOP, PDIP and SOIC packages
• MXDEV™ Evaluation kit available
Applications
• Remote Sensors
• Battery Operated Systems
• Transducer Interface
Package Types
General Description
The Microchip Technology Inc. MCP3301 13-bit A/D
converter features full differential inputs and low power
consumption in a small package that is ideal for battery
powered
systems
and
remote
data
acquisition
applications.
Incorporating a successive approximation architecture
with on-board sample and hold circuitry, this 13-bit A/
D converter is specified to have ±1 LSB Differential
Nonlinearity (DNL) and ±1 LSB Integral Nonlinearity
(INL) for B-grade devices and ±2 LSB for C-grade
devices. The industry-standard SPI™ serial interface
enables 13-bit A/D converter capability to be added to
any PIC® microcontroller.
The MCP3301 features a low current design that per-
mits operation with typical standby and active currents
of only 50 nA and 300 µA, respectively. The device
operates over a broad voltage range of 2.7V to 5.5V
and is capable of conversion rates of up to 100 ksps.
The reference voltage can be varied from 400 mV to
5V, yielding input-referred resolution between 98 µV
and 1.22 mV.
The MCP3301 is available in 8-pin PDIP, 150 mil SOIC
and MSOP packages. The full differential inputs of this
device enable a wide variety of signals to be used in
applications such as remote data acquisition, portable
instrumentation and battery operated applications.
MSOP, PDIP, SOIC
V
DD
CS/SHDN
1
2
3
4
8
7
6
5
CLK
V
REF
IN(+)
IN(-)
V
SS
D
OUT
13-Bit Differential Input, Low Power A/D Converter
with SPI™ Serial Interface


Similar Part No. - MCP3301T-CI/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3301T MICROCHIP-MCP3301T Datasheet
647Kb / 38P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
More results

Similar Description - MCP3301T-CI/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3304 MICROCHIP-MCP3304 Datasheet
666Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3301-CI-SN MICROCHIP-MCP3301-CI-SN Datasheet
700Kb / 32P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3302 MICROCHIP-MCP3302 Datasheet
812Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3302 MICROCHIP-MCP3302_07 Datasheet
769Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3302 MICROCHIP-MCP3302_08 Datasheet
887Kb / 46P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2008
MCP3302 MICROCHIP-MCP3302_11 Datasheet
1Mb / 48P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3301 MICROCHIP-MCP3301_11 Datasheet
647Kb / 38P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com