Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS421 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS421
Description  0.5V SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS421 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS421 Datasheet HTML 1Page - Advanced Monolithic Systems AMS421 Datasheet HTML 2Page - Advanced Monolithic Systems AMS421 Datasheet HTML 3Page - Advanced Monolithic Systems AMS421 Datasheet HTML 4Page - Advanced Monolithic Systems AMS421 Datasheet HTML 5Page - Advanced Monolithic Systems AMS421 Datasheet HTML 6Page - Advanced Monolithic Systems AMS421 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS421
Monolithic
0.5V SHUNT REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Trimmed 0.25% Tolerance
• Battery Powered Systems
• Wide Operating Current Range 0.1µA to 10mA
• Switching Power Supplies
• Low Reference Input Current 1.5nA
• Isolated Power Supplies
• Low Dynamic Output Impedance
• Telecommunications
• Low Output Noise
• Error Amplifiers
• Nominal Temperature Range to 125°C
• Notebook/Personal Computer
• Temperature-Compensated: 50ppm/°C
• Monitors/ VCR/ TV
• Low supply current: typ. 10µA
• Optoisolator driver
GENERAL DESCRIPTION
The AMS421 is a four-terminal adjustable open collector shunt regulator with guaranteed temperature stability over the entire
range of operation. The output voltage can be set to any value between 0.5V (VREF) and 15V by adding two external resistors.
The AMS421 features 0.25% initial tolerance, low dynamic output impedance and operates over a wide current range. Due to
the sharp turn-on characteristics this device is an excellent replacement for Zener diodes in many applications.
AMS421 is available 5 pin SOT-23 packages.
ORDERING INFORMATION:
PIN CONNECTIONS
TOL.
Package
5 LEAD SOT-23
OPERATING
TEMP. RANGE
±0.25%
AMS421AM1
-40 to + 125°C
±0.5%
AMS421BM1
-40 to + 125°C
±1.0%
AMS421CM1
-40 to + 125°C
BLOCK DIAGRAM
5L SOT-23
(M1)
VCC
COLL
N/C
REF
GND
1
2
5
3
4
Top View
VCC
1
GND
2
Ref
4
5
+
-
0.5V
Co


Similar Part No. - AMS421

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS421 ADMOS-AMS421 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
AMS421AM1 ADMOS-AMS421AM1 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
AMS421BM1 ADMOS-AMS421BM1 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
AMS421CM1 ADMOS-AMS421CM1 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
AMS421 ADMOS-AMS421_07 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
More results

Similar Description - AMS421

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
Shunt Regulator
logo
Advanced Monolithic Sys...
AMS421 ADMOS-AMS421_07 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com