Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS421AM1 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS421AM1
Description  0.5V SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS421AM1 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS421AM1 Datasheet HTML 1Page - Advanced Monolithic Systems AMS421AM1 Datasheet HTML 2Page - Advanced Monolithic Systems AMS421AM1 Datasheet HTML 3Page - Advanced Monolithic Systems AMS421AM1 Datasheet HTML 4Page - Advanced Monolithic Systems AMS421AM1 Datasheet HTML 5Page - Advanced Monolithic Systems AMS421AM1 Datasheet HTML 6Page - Advanced Monolithic Systems AMS421AM1 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS421
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
PSRR
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 1000000
Hz
Vout
Output rejection Load 1k /10n
-70
-65
-60
-55
-50
-45
-40
-35
-30
1.00E+03
1.00E+04
1.00E+05
1.00E+06
Hz
Vout
Input Bias Current
0
1
2
3
4
5
6
510
15
20
Volts
Ibias
2 mA load Transient @ VCC=5V, Output Cap=10 nF
2 mA load Transient at VCC=15V, Output Cap=10nF
Fast Start up 0-2V with common supply



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com