Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS421AM1 Datasheet (PDF) - Advanced Monolithic Systems

AMS421AM1 Datasheet PDF - Advanced Monolithic Systems
Part # AMS421AM1
Download  AMS421AM1 Download
File Size   127.75 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 0.5V SHUNT REGULATOR

AMS421AM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS421AM1 Datasheet PDF - Advanced Monolithic Systems

Part # AMS421AM1
Download  AMS421AM1 Click to download

File Size   127.75 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 0.5V SHUNT REGULATOR

AMS421AM1 Datasheet (HTML) - Advanced Monolithic Systems


AMS421AM1 Product details

GENERAL DESCRIPTION
The AMS421 is a four-terminal adjustable open collector shunt regulator with guaranteed temperature stability over the entire range of operation. The output voltage can be set to any value between 0.5V (VREF) and 15V by adding two external resistors. The AMS421 features 0.5% initial tolerance, low dynamic output impedance and operates over a wide current range. Due to the sharp turn-on characteristics this device is an excellent replacement for Zener diodes in many applications. AMS421 is available 5 pin SOT-23 packages.

FEATURES
• Trimmed 0.5% Tolerance
• Wide Operating Current Range 0.1µA to 10mA
• Low Reference Input Current 1.5nA
• Low Dynamic Output Impedance
• Low Output Noise
• Nominal Temperature Range to 125°C
• Temperature-Compensated: 50ppm/°C
• Low supply current: typ. 10µA

APPLICATIONS
• Battery Powered Systems
• Switching Power Supplies
• Isolated Power Supplies
• Telecommunications
• Error Amplifiers
• Notebook/Personal Computer
• Monitors/ VCR/ TV
• Opto-isolator driver




Similar Part No. - AMS421AM1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS421AM1 ADMOS-AMS421AM1 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
More results


Similar Description - AMS421AM1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
Shunt Regulator
logo
Advanced Monolithic Sys...
AMS421 ADMOS-AMS421_07 Datasheet
128Kb / 7P
0.5V SHUNT REGULATOR
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com