Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-2.8MMF Datasheet(PDF) 1 Page - Microchip Technology

Part # TC72-2.8MMF
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-2.8MMF Datasheet(HTML) 1 Page - Microchip Technology

  TC72-2.8MMF Datasheet HTML 1Page - Microchip Technology TC72-2.8MMF Datasheet HTML 2Page - Microchip Technology TC72-2.8MMF Datasheet HTML 3Page - Microchip Technology TC72-2.8MMF Datasheet HTML 4Page - Microchip Technology TC72-2.8MMF Datasheet HTML 5Page - Microchip Technology TC72-2.8MMF Datasheet HTML 6Page - Microchip Technology TC72-2.8MMF Datasheet HTML 7Page - Microchip Technology TC72-2.8MMF Datasheet HTML 8Page - Microchip Technology TC72-2.8MMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2002 Microchip Technology Inc.
DS21743A-page 1
M
TC72
Features
• Temperature-to-Digital Converter
• SPI™ Compatible Interface
• 10-Bit Resolution (0.25°C/Bit)
• ±2°C (max.) Accuracy from -40°C to +85°C
• ±3°C (max.) Accuracy from -55°C to +125°C
• 2.65V to 5.5V Operating Range
• Low Power Consumption:
- 250 µA (typ.) Continuous Temperature
Conversion Mode
- 1 µA (max.) Shutdown Mode
• Power Saving One-Shot Temperature
Measurement
• Industry Standard 8-Pin MSOP Package
• Space Saving 8-Pin DFN (3x3 mm) Package
Typical Applications
• Personal Computers and Servers
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Office Equipment
• Datacom Equipment
• Mobile Phones
• General Purpose Temperature Monitoring
Package Types
General Description
The TC72 is a digital temperature sensor capable of
reading temperatures from -55°C to +125°C. This sen-
sor features a serial interface that allows communica-
tion with a host controller or other peripherals. The
TC72 interface is compatible with the SPI protocol. The
TC72 does not require any additional external compo-
nents. However, it is recommended that a decoupling
capacitor of 0.01 µF to 0.1 µF be provided between the
VDD and GND pins.
The TC72 can be used either in a Continuous Temper-
ature Conversion mode or a One-Shot Conversion
mode. The Continuous Conversion mode measures
the temperature approximately every 150 ms and
stores the data in the temperature registers. In con-
trast, the One-Shot mode performs a single tempera-
ture measurement and returns to the power saving
shutdown mode.
The TC72 features high temperature accuracy, ease-
of-use and is the ideal solution for implementing ther-
mal management in a variety of systems. The device is
available in both 8-pin MSOP and 8-pin DFN space-
saving packages. The TC72 also features a shutdown
mode for low power operation.
Block Diagram
SCK
CE
GND
NC
SDI
1
2
3
4
8
7
6
5 SDO
VDD
NC
MSOP
CE
SCK
GND
NC
SDO
1
2
3
4
8
7
6
5SDI
VDD
NC
DFN
TC72
Diode
Temperature
Sensor
VDD
SCK
CE
Serial
Port
Interface
10-Bit
Sigma Delta
A/D Converter
Register
Temperature
Register
Internal
Control
Manufacturer
ID Register
GND
SDO
SDI
Digital Temperature Sensor with SPI™ Interfa
ce


Similar Part No. - TC72-2.8MMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC72-2.8MMF MICROCHIP-TC72-2.8MMF Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
TC72-2.8MMFTR MICROCHIP-TC72-2.8MMFTR Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
More results

Similar Description - TC72-2.8MMF

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com