Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-2.8MMF Datasheet(PDF) 18 Page - Microchip Technology

Part # TC72-2.8MMF
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-2.8MMF Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC72-2.8MMF Datasheet HTML 14Page - Microchip Technology TC72-2.8MMF Datasheet HTML 15Page - Microchip Technology TC72-2.8MMF Datasheet HTML 16Page - Microchip Technology TC72-2.8MMF Datasheet HTML 17Page - Microchip Technology TC72-2.8MMF Datasheet HTML 18Page - Microchip Technology TC72-2.8MMF Datasheet HTML 19Page - Microchip Technology TC72-2.8MMF Datasheet HTML 20Page - Microchip Technology TC72-2.8MMF Datasheet HTML 21Page - Microchip Technology TC72-2.8MMF Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TC72
DS21743A-page 18
 2002 Microchip Technology Inc.
8-Lead Plastic Dual Flat Pack, No Lead (MF) 3x3x1 mm Body (DFN)
H
Exposed Pad Length
Thermal Via Diameter
*Controlling Parameter
Termal Via Pitch
Drawing No. C04-2062
Exposed Pad Width
H
V
P1
G2
.012
.130
.047
Terminal Land Pattern I.D.
Terminal Land Width
Terminal Land Length
Terminal Land Pattern O.D.
Terminal Pitch
p
Units
Z
A1
Y
X
Dimension Limits
.057
.134
.026 BSC
MIN
INCHES
NOM
0.30
1.20
3.30
3.40
0.65 BSC
MILLIMETERS*
.060
.157
1.45
MIN
MAX
NOM
1.53
4.00
MAX
Y
G2
p
X
CP
Z
G
P1
THERMAL VIAS
ON 4 LAYER
PC BOARD
DFN LAND PATTERN
OPTIONAL TWO LAYER
PCB LAND PATTERN
PCB LAND PATTERN
OPTIONAL FOUR LAYER
0.42
0.35
.014
.017
.033
.035
0.85
0.88
1.50
1.45
.059
.057
Exposed Pad Clearance
.006
CP
0.15
0V
(Note 1)
Exposed pad dimensions vary with paddle size.
1.
Notes:
Interior Lead Clearance
Z
.071
1.80
Optional Exposed Pad Length
.130
H2
3.30
H2
TYPCAL SOLDER MASKS
Minimum Solder Mask Clearance
M
.002
0.05
M (TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com