Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-3.3MMF Datasheet(PDF) 6 Page - Microchip Technology

Part # TC72-3.3MMF
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-3.3MMF Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC72-3.3MMF Datasheet HTML 2Page - Microchip Technology TC72-3.3MMF Datasheet HTML 3Page - Microchip Technology TC72-3.3MMF Datasheet HTML 4Page - Microchip Technology TC72-3.3MMF Datasheet HTML 5Page - Microchip Technology TC72-3.3MMF Datasheet HTML 6Page - Microchip Technology TC72-3.3MMF Datasheet HTML 7Page - Microchip Technology TC72-3.3MMF Datasheet HTML 8Page - Microchip Technology TC72-3.3MMF Datasheet HTML 9Page - Microchip Technology TC72-3.3MMF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TC72
DS21743A-page 6
 2002 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all parameters apply at V
DD = 2.65V to 5.5V, TA = -55°C to +125 °C.
FIGURE 2-1:
Accuracy vs. Temperature
(TC72-X.XMXX).
FIGURE 2-2:
Supply Current vs. Supply
Voltage.
FIGURE 2-3:
Supply Current vs.
Temperature.
FIGURE 2-4:
Shutdown Current vs.
Temperature.
FIGURE 2-5:
Temperature Accuracy vs.
Supply Voltage (TC72-2.8MXX).
FIGURE 2-6:
Temperature Accuracy vs.
Supply Voltage (TC72-5.0MXX).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-55
-25
5
35
65
95
125
Reference Temperature (°C)
Lower Specification Limit
Upper Specification Limit
Mean + 3
Mean - 3
Mean
200
210
220
230
240
250
260
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
TA = +25°C
TA = +125°C
TA = -55°C
TC72-X.XMXX
0
50
100
150
200
250
300
350
400
-55
-25
5
356595
125
Temperature (°C)
TC72-5.0MXX
VDD = 5.0V
TC72-3.3MXX
VDD = 3.3V
TC72-2.8MXX
VDD = 2.8V
0.00
0.05
0.10
0.15
0.20
-55
-25
5
35
65
95
125
Temperature (°C)
TC72-5.0MXX
VDD = 5.0V
TC72-5.0MXX
VDD = 2.8V
TC72-3.3MXX
VDD = 3.3V
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
2.6
2.7
2.8
2.9
3.0
Supply Voltage (V)
TA = +25°C
TA = -25°C
TA = +85°C
TC72-2.8MXX
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
Supply Voltage (V)
TA = +25°C
TA = -25°C
TA = +85°C
TC72-5.0MXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com