Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-3.3MMF Datasheet(PDF) 7 Page - Microchip Technology

Part # TC72-3.3MMF
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-3.3MMF Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC72-3.3MMF Datasheet HTML 3Page - Microchip Technology TC72-3.3MMF Datasheet HTML 4Page - Microchip Technology TC72-3.3MMF Datasheet HTML 5Page - Microchip Technology TC72-3.3MMF Datasheet HTML 6Page - Microchip Technology TC72-3.3MMF Datasheet HTML 7Page - Microchip Technology TC72-3.3MMF Datasheet HTML 8Page - Microchip Technology TC72-3.3MMF Datasheet HTML 9Page - Microchip Technology TC72-3.3MMF Datasheet HTML 10Page - Microchip Technology TC72-3.3MMF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2002 Microchip Technology Inc.
DS21743A-page 7
TC72
Note: Unless otherwise indicated, all parameters apply at V
DD = 2.65V to 5.5V, TA = -55°C to +125 °C.
FIGURE 2-7:
Histogram of Temperature
Accuracy at -55 Degrees C.
FIGURE 2-8:
Histogram of Temperature
Accuracy at -40 Degrees C.
FIGURE 2-9:
Histogram of Temperature
Accuracy at +25 Degrees C.
FIGURE 2-10:
Histogram of Temperature
Accuracy at +65 Degrees C.
FIGURE 2-11:
Histogram of Temperature
Accuracy at +85 Degrees C.
FIGURE 2-12:
Histogram of Temperature
Accuracy at +125 Degrees C.
0
5
10
15
20
25
30
35
40
45
50
Temperature Error (°C)
TC72-X.XMXX
Sample Size = 166
TA = -55°C
0
10
20
30
40
50
60
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Temperature Error (°C)
TC72-X.XMXX
Sample Size = 166
TA = -40°C
0
10
20
30
40
50
60
Temperature Error (°C)
TC72-X.XMXX
Sample Size = 166
TA = +25°C
0
10
20
30
40
50
60
Temperature Error (°C)
TC72-X.XMXX
Sample Size = 166
TA = +65°C
0
5
10
15
20
25
30
35
40
45
50
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Temperature Error (°C)
TC72-X.XMXX
Sample Size = 166
TA = +85°C
0
5
10
15
20
25
30
35
40
Temperature Error (°C)
TC72-X.XMXX
Sample Size = 166
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com