Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC642B Datasheet(PDF) 24 Page - Microchip Technology

Part # TC642B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642B Datasheet(HTML) 24 Page - Microchip Technology

Back Button TC642B Datasheet HTML 20Page - Microchip Technology TC642B Datasheet HTML 21Page - Microchip Technology TC642B Datasheet HTML 22Page - Microchip Technology TC642B Datasheet HTML 23Page - Microchip Technology TC642B Datasheet HTML 24Page - Microchip Technology TC642B Datasheet HTML 25Page - Microchip Technology TC642B Datasheet HTML 26Page - Microchip Technology TC642B Datasheet HTML 27Page - Microchip Technology TC642B Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
TC642B/TC647B
DS21756B-page 24
 2003 Microchip Technology Inc.
Using standard 1% resistor values yields the following
values:
-R3 = 32.4 kΩ
-R4 = 17.8 kΩ
Step 6: Selecting the Fan Drive Device (Q1).
Since the fan operating current is below 200 mA, a
transistor or MOSFET can be used as the fan drive
device. In order to reduce component count and cur-
rent draw, the drive device for this design is chosen to
be a N-channel MOSFET. Selecting from Table 5-2,
there are two MOSFETs that are good choices: the
MGSF1N02E and the SI2302. These devices have the
same pinout and are interchangeable for this design.
Step 7: Selecting the RSENSE and CSENSE Values.
The goal again for selecting these values is to ensure
that the signal at the SENSE pin is 90 mV in amplitude
under all operating conditions. This will ensure that the
pulses are detected by the TC642B/TC647B device
and that the fan operation is detected.
The fan current waveform is shown in Figure 5-8 and,
as discussed previously, with a waveform of this shape,
the current sense resistor values shown in Table 5-1 are
good reference values. Given that the average fan oper-
ating current was measured to be 120 mA, this falls
between two of the values listed in the table. For refer-
ence purposes, both values have been tested and
these results are shown in Figures 5-11 (4.7
Ω) and 5-12
(3.0
Ω). The selected CSENSE value is 0.1 µF as this pro-
vides the appropriate coupling of the voltage to the
SENSE pin.
.
FIGURE 5-11:
SENSE pin voltage with
4.7
Ω sense resistor.
.
FIGURE 5-12:
SENSE pin voltage with
3.0
Ω sense resistor.
Since the 3.0
Ω value of sense resistor provides the
proper voltage to the SENSE pin, it is the correct choice
for this solution as it will also provide the lowest power
dissipation and the most voltage to the fan. Using the
RMS fan current that was measured previously, the
power dissipation in the resistor during a fan fault con-
dition is 71 mW (Irms2 * RSENSE). This number will set
the wattage rating of the resistor that is selected. The
selected value will vary depending upon the derating
guidelines that are used.
Now that all the values have been selected, the sche-
matic representation of this design can be seen in
Figure 5-13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com