Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC642B Datasheet(PDF) 18 Page - Microchip Technology

Part # TC642B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642B Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC642B Datasheet HTML 14Page - Microchip Technology TC642B Datasheet HTML 15Page - Microchip Technology TC642B Datasheet HTML 16Page - Microchip Technology TC642B Datasheet HTML 17Page - Microchip Technology TC642B Datasheet HTML 18Page - Microchip Technology TC642B Datasheet HTML 19Page - Microchip Technology TC642B Datasheet HTML 20Page - Microchip Technology TC642B Datasheet HTML 21Page - Microchip Technology TC642B Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TC642B/TC647B
DS21756B-page 18
 2003 Microchip Technology Inc.
Example: The following design goals are desired:
• Duty Cycle = 50% (VIN = 1.90 V) with
Temperature (T1) = 30°C
• Duty Cycle = 100% (VIN = 2.60 V) with
Temperature (T2) = 60°C
Using a 100 k
Ω thermistor (25°C value), look up the
thermistor values at the desired temperatures:
•RT (T1) = 79428Ω @ 30°C
•RT (T2) = 22593Ω @ 60°C
Substituting these numbers into the given equations
produces the following numbers for R1 and R2.
•R1 = 34.8 kΩ
•R2 = 14.7 kΩ
FIGURE 5-2:
How Thermistor Resistance,
VIN, and RTEMP Vary With Temperature.
Figure 5-2 graphs RT, RTEMP (R1 in parallel with RT)
and VIN versus temperature for the example shown
above.
5.3
Thermistor Selection
As with any component, there are a number of sources
for thermistors. A listing of companies that manufacture
thermistors can be found at www.temperatures.com/
thermivendors.html. This website lists over forty
suppliers of thermistor products. A brief list is shown
here.
5.4
FanSense Network
(RSENSE and CSENSE)
The FanSense Network (comprised of RSENSE and
CSENSE) allows the TC642B and TC647B devices to
detect commutation of the fan motor. RSENSE converts
the fan current into a voltage. CSENSE AC couples this
voltage signal to the SENSE pin. The goal of the sense
network is to provide a voltage pulse to the SENSE pin
that has a minimum amplitude of 90 mV. This will
ensure that the current pulse caused by the fan
commutation is recognized by the TC642B/TC647B
device.
A 0.1 µF ceramic capacitor is recommended for
CSENSE. Smaller values will require that larger sense
resistors be used. Using a 0.1 µF capacitor results in
reasonable values for RSENSE. Figure 5-3 illustrates a
typical SENSE network.
FIGURE 5-3:
Typical Sense Network.
The required value of RSENSE will change with the cur-
rent rating of the fan and the fan current waveshape. A
key point is that the current rating of the fan specified
by the manufacturer may be a worst-case rating, with
the actual current drawn by the fan being lower. For the
purposes of setting the value for RSENSE, the operating
fan current should be measured to get the nominal
value. This can be done by using an oscilloscope cur-
rent probe or by using a voltage probe with a low value
resistor (0.5
Ω). Another good tool for this exercise is
the TC642 Evaluation Board. This board allows the
RSENSE and CSENSE values to be easily changed while
allowing the voltage waveforms to be monitored to
ensure the proper levels are being reached.
Table 5-1 shows values of RSENSE according to the
nominal operating current of the fan. The fan currents
are average values. If the fan current falls between two
of the values listed, use the higher resistor value.
- Thermometrics®
- Quality Thermistor™
- Ametherm®
- Sensor Scientific™
- U.S. Sensors™
- Vishay®
- Advanced Thermal
Products™
- muRata®
0
20
40
60
80
100
120
140
20
30
40
50
60
70
80
90
100
Temperature (ºC)
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
NTC Thermistor
100 k @ 25ºC
VIN Voltage
RTEMP
FAN
RISO
RSENSE
CSENSE
SENSE
VOUT
(0.1 µF typical)
715
Ω
Note: See Table 5-1 for RSENSE values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com