Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140T-IP Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP2140T-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140T-IP Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP2140T-IP Datasheet HTML 32Page - Microchip Technology MCP2140T-IP Datasheet HTML 33Page - Microchip Technology MCP2140T-IP Datasheet HTML 34Page - Microchip Technology MCP2140T-IP Datasheet HTML 35Page - Microchip Technology MCP2140T-IP Datasheet HTML 36Page - Microchip Technology MCP2140T-IP Datasheet HTML 37Page - Microchip Technology MCP2140T-IP Datasheet HTML 38Page - Microchip Technology MCP2140T-IP Datasheet HTML 39Page - Microchip Technology MCP2140T-IP Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
MCP2140
DS21790A-page 36
Preliminary
 2003 Microchip Technology Inc.
FIGURE 4-9:
RXPD/RXPDREF WAVEFORMS
TABLE 4-9:
RXPD/RXPDREF REQUIREMENTS
AC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR110A TRXPDBIT Receive Baud Rate
768
—
768
TOSC
BAUD = 9600
IR131A TRXPDPW RXPD pulse width
0.01
—
1.5
µs
IR132
TRXPDP RXPD/RXPDREF bit period (1)
—
16
—
TBITCLK
IRD060 VRXPDD
∆ Quiescent Delta Voltage
between RXPD and
RXPDREF
20
—
—
mV
IRD061 VRXPDE IR Pulse Detect Delta Voltage
(RXPD to RXPDREF)
30
—
—
mV
RXPD signal must cross
RXPDREF signal level
IR133
TRESP
Response Time (2)
—
—
400 *
ns
* These parameters characterized but not tested.
Note 1: TBITCLK = TRXBIT/16.
2: Response time measured with RXPDREF at (VDD - 1.5V)/2, while RXPD transitions from VSS to VDD.
BITCLK
RXPD
01
0
0
0
1
IR131A
IR110A
IR131B
IR131B
IR131B
IR131B
IR131B
IR131B
Start Bit
Data bit 7
Data bit 6
Data bit 5
Data bit ...
Start Bit
Data bit 7
Data bit 6
Data bit 5
Data bit ...
RXPDREF
RXPD
RXPDREF
IRD160
IRD161
RXPD
RXPDREF
IRD160
IRD161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com