Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140T-IP Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2140T-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140T-IP Datasheet(HTML) 1 Page - Microchip Technology

  MCP2140T-IP Datasheet HTML 1Page - Microchip Technology MCP2140T-IP Datasheet HTML 2Page - Microchip Technology MCP2140T-IP Datasheet HTML 3Page - Microchip Technology MCP2140T-IP Datasheet HTML 4Page - Microchip Technology MCP2140T-IP Datasheet HTML 5Page - Microchip Technology MCP2140T-IP Datasheet HTML 6Page - Microchip Technology MCP2140T-IP Datasheet HTML 7Page - Microchip Technology MCP2140T-IP Datasheet HTML 8Page - Microchip Technology MCP2140T-IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21790A-page 1
M
MCP2140
Features
• Implements the IrDA® standard, including:
-IrLAP
-IrLMP
-IAS
-TinyTP
- IrCOMM (9-wire “cooked” service class)
• Provides IrDA standard physical signal layer
support including:
- Bidirectional communication
- CRC implementation
- Fixed Data communication rate of 9600 baud
• Includes UART-to-IrDA standard encoder/
decoder functionality:
- Easily interfaces with industry standard
UARTs and infrared transceivers
• UART interface for connecting to Data
Communications Equipment (DCE) or Data
Terminal Equipment (DTE) systems
• Transmit/Receive formats (bit width) supported:
-1.63 µs
• Hardware UART Support:
- 9.6 kbaud baud rate
- 29 Byte Data Buffer Size
• Infrared Supported:
- 9.6 kbaud baud rate
- 64 Byte Data Packet Size
• Operates as Secondary Device
• Automatic Low Power mode
- < 60 µA when no IR activity present
(PHACT = L)
CMOS Technology
• Low power, high-speed CMOS technology
• Fully static design
• Low voltage operation
• Industrial temperature range
• Low power consumption
- < 1 mA @ 3.0V, 7.3728 MHz (typical)
Package Types
Block Diagram
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
1
19
18
16
15
14
13
12
11
17
18
17
15
14
13
12
11
10
16
20
OSC2
OSC1/CLKI
VSS
VSS
VDD
VDD
RXPD
CD
CTS
RTS
TX
RX
RI
DSR
DTR
TXIR
PHACT
RESET
NC
RXPDREF
VSS
TX
RX
RI
TXIR
PHACT
RESET
NC
RXPDREF
OSC2
OSC1/CLKI
VDD
RXPD
CD
CTS
RTS
DSR
DTR
PDIP, SOIC
SSOP
Encode and
Protocol
TX
TXIR
RX
RXPD
MCP2140
Baud
RTS
Generator
CD
CTS
DSR
DTR
RI
OSC1
OSC2
Protocol Handler
and Decode
RXPDREF
Handler
+
-
PHACT
Logic
Rate
UART
Control
IrDA® Standard Protocol Stack Controller
With Fixed 9600 Baud Communication Rate


Similar Part No. - MCP2140T-IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2140 MICROCHIP-MCP2140 Datasheet
404Kb / 34P
Infrared Encoder/Decoder
2004
MCP2140 MICROCHIP-MCP2140 Datasheet
798Kb / 38P
Infrared Encoder/Decoder
2007
MCP2140 MICROCHIP-MCP2140 Datasheet
1Mb / 40P
Infrared Encoder/Decoder
Revision D February 2024
MCP2140A MICROCHIP-MCP2140A Datasheet
747Kb / 60P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2007
MCP2140A-I/P MICROCHIP-MCP2140A-I/P Datasheet
747Kb / 60P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2007
More results

Similar Description - MCP2140T-IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
BAUD RATE GENERATOR
logo
Microchip Technology
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2140A MICROCHIP-MCP2140A Datasheet
747Kb / 60P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2007
logo
Radiometrix Ltd
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
logo
Microchip Technology
MCP2140 MICROCHIP-MCP2140_13 Datasheet
1Mb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
10/26/12
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
MCP2155 MICROCHIP-MCP2155_13 Datasheet
852Kb / 52P
IrDA짰 Standard Protocol Stack Controller
11/29/12
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
Baud rate of UART communication protocol of serial port is 4800bps.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com