Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMMAM08 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GMMAM08
Description  Mini Modulo AT mega 8L
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMMAM08 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GMMAM08 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 8Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 9Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 10Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
ITALIAN TECHNOLOGY
grifo®
Pagina III
GMM AM08
Rel. 3.10
INDICE DELLE FIGURE
FIGURA 1: POSIZIONE DEL NUMERO DI REVISIONE .............................................................................. 3
FIGURA 2: SCHEMA A BLOCCHI ......................................................................................................... 7
FIGURA 3: FOTO GMM AM08 ....................................................................................................... 9
FIGURA 4: TABELLA DELLE SEGNALAZIONI VISIVE ........................................................................... 12
FIGURA 5: CN1 - ZOCCOLO CON SEGNALI DEL MINI MODULO ........................................................ 13
FIGURA 6: TABELLA DIP SWITCH DSW1 A 4 VIE ............................................................................ 14
FIGURA 7: PIANTA COMPONENTI (LATO COMPONENTI) .................................................................... 15
FIGURA 8: DISPOSIZIONE LEDS, DIP SWITCHES, ECC. .................................................................... 15
FIGURA 9: ESEMPIO COLLEGAMENTO SERIALE RS 232 .................................................................... 17
FIGURA 10: ESEMPIO COLLEGAMENTO SERIALE TTL ...................................................................... 17
FIGURA 11: FOTO DI GMB HR84 E GMM AM08 CON E SENZA CONTENITORE ............................. 21
FIGURA 12: SCHEDA DI SPERIMENTAZIONE GMM TST 2 CON GMM AM08 E AVR ISP .............. 23
FIGURA 13: COLLEGAMENTO SERIALE RS 232 TRA GMM AM08 E PC ........................................ 24
FIGURA 14: TABELLA ESEMPI.......................................................................................................... 25
FIGURA 15: BOOT LOADER UTILITY ................................................................................................ 27
FIGURA 16: CARICAMENTO SORGENTE CON BASCOM AVR ......................................................... 28
FIGURA 17: CONFIGURAZIONE COMPILATORE BASCOM AVR ...................................................... 29
FIGURA 18: COMPILAZIONE CON BASCOM AVR ......................................................................... 29
FIGURA 19: CARICAMENTO FILE DI PROGETTO CON ICC AVR ........................................................ 30
FIGURA 20: COMPILAZIONE CON ICC AVR ................................................................................... 30
FIGURA 21: VISTA DALL'ALTO DELLA GMM AM08 ....................................................................... 33
FIGURA 22: SCHEMA DELLE POSSIBILI CONNESSIONI ........................................................................ 35
FIGURA 23: SCHEMA DELLE CONNESSIONI A GMM TST 2 CON GMM AM08 ............................... 37
FIGURA B-1: SCHEMA DELL'INTERFACCIA TRA GMM TST 2 E MP-AVR 51+ ............................. B-2
FIGURA B-2: SCHEMA DELL'INTERFACCIA TRA GMM TST 2 E UEP 49 ....................................... B-2
FIGURA B-3: SCHEMA DI CONNESSIONE DIRETTA TRA GMM AM08 E SEP 40 .............................. B-3
FIGURA B-4: SCHEMA DI CONNESSIONE DIRETTA TRA GMM AM08 E UEP 49 ............................. B-3
FIGURA B-5: SELEZIONE DEL COMPONENTE CON PG4UW ............................................................ B-4
FIGURA B-6: SCHEMA DI CONNESSIONE DIRETTA TRA GMM AM08 ED EPSILON5 O AVR ISP . B-5
FIGURA B-7: SCHEMA DI CONNESSIONE DIRETTA TRA GMM AM08 ED MP AVR-51+ ................. B-5
FIGURA B-8: CONFIGURAZIONE DEL COMPONENTE CON PG4UW ................................................. B-6
FIGURA B-9: CONFIGURAZIONE DEL PROGRAMMATORE PG4UW .................................................. B-6
FIGURA B-10: CONFIGURAZIONE PROGETTO CON EQTOOLS ......................................................... B-8
FIGURA B-11: SELEZIONE CPU CON AVR STUDIO ................................................................. B-10
FIGURA B-12: CONFIGURAZIONE CPU CON AVR STUDIO ...................................................... B-10
FIGURA B-13: CONFIGURAZIONE AVR ISP ................................................................................ B-10
FIGURA B-14: LOGO DEL PONYPROG ......................................................................................... B-11
FIGURA B-15: SELEZIONE MICROCONTROLLORE CON PONYPROG ................................................ B-12
FIGURA B-16: CONFIGURAZIONE MICROCONTROLLORE CON PONYPROG ..................................... B-12
FIGURA B-17: AVVIO DELLA PROGRAMMAZIONE CON PONYPROG ................................................ B-12
FIGURA C-1: SCHEMA ELETTRICO GMM TST 2 (1 DI 3) ............................................................. C-1
FIGURA C-2: SCHEMA ELETTRICO GMM TST 2 (2 DI 3) ............................................................. C-2
FIGURA C-3: SCHEMA ELETTRICO GMM TST 2 (3 DI 3) ............................................................. C-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com