Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 288 page
background image
General Description
Data Sheet
MC68HC908BD48 — Rev. 2.1
32
General Description
Freescale Semiconductor
PTC5/ADC5–PTC0/ADC0
These are shared-function pins. Each pin can be
configured as a standard I/O pin or an ADC input
channel.
See Section 17. Input/Output (I/O) Ports and
Section 12. Analog-to-Digital Converter (ADC).
PTD6/IICSDA
This is a shared function pin. It can be configured
as a standard I/O pin or the data line of the multi-
master IIC module. This pin is open-drain when
configured as output.
See Section 17. Input/Output (I/O) Ports and
Section 14. Multi-Master IIC Interface (MMIIC).
PTD5/IICSCL
This is a shared function pin. It can be configured
as a standard I/O pin or the clock line of the multi-
master IIC module. This pin is open-drain when
configured as output.
See Section 17. Input/Output (I/O) Ports and
Section 14. Multi-Master IIC Interface (MMIIC).
PTD4/CLAMP
This is a shared function pin. It can be configured
as a standard I/O pin or the clamp output from the
sync processor.
See Section 17. Input/Output (I/O) Ports and
Section 16. Sync Processor.
PTD3/DDCSCL
This is a shared function pin. It can be configured
as a standard I/O pin or as the clock line of the
DDC12AB module. This pin is open-drain when
configured as output.
See Section 17. Input/Output (I/O) Ports and
Section 15. DDC12AB Interface.
PTD2/DDCSDA
This is a shared function pin. It can be configured
as a standard I/O pin or the data line of the
DDC12AB module. This pin is open-drain when
configured as output.
See Section 17. Input/Output (I/O) Ports and
Section 15. DDC12AB Interface.
PTD1/D–
PTD0/D+
These are 3.3V, shared function pins. The pins
can be configured as standard I/O pins or USB
interface differential data lines.
See Section 17. Input/Output (I/O) Ports and
Section 13. Universal Serial Bus Module (USB).
Table 1-1. Pin Functions
PIN NAME
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com