Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 288 page
background image
Configuration Register (CONFIG)
Data Sheet
MC68HC908BD48 — Rev. 2.1
64
Configuration Register (CONFIG)
Freescale Semiconductor
registers are located at $001D and $001F. The configuration register
may be read at anytime.
5.3.1 Configuration Register 0
HSYNCOE — VSYNCO Enable
This bit is set to configure the PTE1/HSYNCO pin for HSYNCO output
function. Reset clears this bit.
1 = PTE1/HSYNCO pin configured as HSYNCO pin
0 = PTE1/HSYNCO pin configured as standard I/O pin
VSYNCOE — VSYNCO Enable
This bit is set to configure the PTE2/VSYNCO pin for VSYNCO output
function. Reset clears this bit.
1 = PTE2/VSYNCO pin configured as VSYNCO pin
0 = PTE2/VSYNCO pin configured as standard I/O pin
SOGE — SOG Enable
This bit is set to configure the PTE0/SOG/TCH0 pin for SOG output
function. Reset clears this bit.
1 = PTE0/SOG/TCH0 pin configured as SOG pin
0 = PTE0/SOG/TCH0 pin configured as standard I/O or TCH0 pin.
TCH0 function is configured by ELS0B and ELS0A bits in
TSC0 (bits 3 and 2 in $0010). (See 10.10.4 TIM Channel
Status and Control Registers (TSC0:TSC1).)
Address:
$001D
Bit 7
6
543
21
Bit 0
Read:
HSYNCOE VSYNCOE
SOGE
00
00
0
Write:
Reset:
00
000
00
0
= Unimplemented
Figure 5-1. Configuration Register 0 (CONFIG0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com