Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5162 Datasheet(PDF) 6 Page - Microchip Technology

Part # PS5162
Description  Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5162 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PS5162 Datasheet HTML 2Page - Microchip Technology PS5162 Datasheet HTML 3Page - Microchip Technology PS5162 Datasheet HTML 4Page - Microchip Technology PS5162 Datasheet HTML 5Page - Microchip Technology PS5162 Datasheet HTML 6Page - Microchip Technology PS5162 Datasheet HTML 7Page - Microchip Technology PS5162 Datasheet HTML 8Page - Microchip Technology PS5162 Datasheet HTML 9Page - Microchip Technology PS5162 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS5162
DS21842B-page 6
 2004 Microchip Technology Inc.
3.3
Bill of Materials
TABLE 3-1:
PS5162 BILL OF MATERIALS
FIGURE 3-2:
PS5162 DIMENSION DETAILS
Symbols
Description
Manufacturer
Manuafacturer PN
Qty.
Raw PCB, PS5162
Microchip
04-826172 Rev. 3.1
1
C11, C12
Capacitor, Ceramic, 1.0
µF, 16V, +/-10%,
X5R dielectric, 0603
Panasonic
Murata
ECJ-1VB1C105K
GRM188R61C105KA93D
2
C18
Capacitor, Ceramic, 1.0 nF, 50V, +/-10%,
X7R dielectric, 0603
Panasonic
ECJ-1VB1H102K
1
C3
Capacitor, Ceramic, 10 nF, 50V, +/-10%,
X7R dielectric, 0603
Panasonic
ECJ-1VB1H103K
1
C2, C16-C17
Capacitor, Ceramic, 100 nF, 25V, +80%/-20%,
Y5V dielectric, 0603
Panasonic
ECJ-1VF1E104Z
3
C1, C5, C7
Capacitor, Ceramic, 330 nF, 25V, +80%/-20%,
Y5V dielectric, 0805
Panasonic
ECJ-2YF1E334Z
3
LED0-LED3
LED, clear green, 1206 package
Lumex
SML-LX1206GC-TR
4
D1
Dual Zener Diode, 5.6V, +/-5%, 300 mW,
common anode, SOT-23
Diodes Inc.
General Semiconductor
AZ23C5V6-7
AZ23-C5V6
1
Q1
MOSFET, dual N-channel Enhancement mode,
-20V, -5A, TSSOP (8/4.4 mm body width) package
Toshiba
TPCS8209(TE12L)
1
R16
Resistor, zero ohm, 0402
Panasonic
ERJ-2GE0R00X
1
R5
Resistor, film, 0603, 1%, 3.65 KOhms
Panasonic
ERJ-3EKF3651V
1
R35
Resistor, film, 0603, 1%, 365 ohms
Panasonic
ERJ-3EKF3650V
1
R26
Resistor, film, 0603, 1%, 221 KOhms, 25 ppm TC
Susumu Co. Ltd.
RR0816P-2213-D-34D
1
R7-R8
Resistor, film, 0603, 5%, 20 ohms
Panasonic
ERJ-3GEYJ200V
2
R6
Resistor, film, 0603, 5%, 20 KOhms
Panasonic
ERJ-3GEYJ203V
1
R11-R12
Resistor, film, 0805, 5%, 100 ohms
Panasonic
ERJ-6GEYJ101V
2
R15
Resistor, film, 0805, 5%, 2.0 KOhms
Panasonic
ERJ-6GEYJ202V
1
R1
Resistor, film, 0805, 5%, 20 ohms
Panasonic
ERJ-6GEYJ200V
1
R2, R9-R10
Resistor, film, 0805, 5%, 240 ohms
Panasonic
ERJ-6GEYJ241V
3
R36
Resistor, metal strip, 2512, 1%, 0.020 ohms
Vishay
WSL2512-0.020-1%-R86
1
SW1
Switch, SPST-momentary, push button,
surface mount
ALPS
Fuk Hing Ind.
SKQGADE010
11871501
1
U2
IC, Battery Protection Circuit, Li Ion, 2-cell,
-40°C to +85°C, SOT-23-6 package
Seiko Instruments
S-8242AAG-M6T2G
(Note 1)
1
U1
IC, Single Chip Battery Manager, programmable,
-20°C to +85°C, SSOP-28
Microchip
PS501-I/ST
1
Note
1:
Other variants of the S-8242A series, with different trip points, are also available. Consult the S-8242A series data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com