Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5162 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS5162
Description  Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5162 Datasheet(HTML) 1 Page - Microchip Technology

  PS5162 Datasheet HTML 1Page - Microchip Technology PS5162 Datasheet HTML 2Page - Microchip Technology PS5162 Datasheet HTML 3Page - Microchip Technology PS5162 Datasheet HTML 4Page - Microchip Technology PS5162 Datasheet HTML 5Page - Microchip Technology PS5162 Datasheet HTML 6Page - Microchip Technology PS5162 Datasheet HTML 7Page - Microchip Technology PS5162 Datasheet HTML 8Page - Microchip Technology PS5162 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2004 Microchip Technology Inc.
DS21842B-page 1
PS5162
Features
• PS501 tested, fully populated modules for
evaluation
• Designed to work with 2 series cell Lithium
chemistry configurations
• Performs all major Lithium battery management
functions, including:
- Accurate capacity monitoring
- Lithium cell protection
• SOC display with four LEDs and a switch
• Fully compliant with industry standard
Smart Battery Data Specification v1.1a
• SMBus v1.1 with PEC/CRC-8 communication
with system host
• High accuracy measurement of charge/discharge
current, voltage and temperature with on-chip
16-bit integrating A/D
• Precise capacity reporting using Microchip
patented algorithms and 3D battery cell models
• 3D models and “learned” parameters stored in
integrated memory
• Complete hardware and software development
tools available:
- ICD (In-Circuit Debugger) port to support
development of custom code
• Extremely low-power operation:
- Run mode: 140
µA typical
- Low-Voltage Sleep mode: 30
µA typical
- Shelf-Sleep mode: 5
µA typical
• Overall mechanical dimensions:
- 0.339 W x 2.165 L (inches)
- 8.6 W x 55.0 L (millimeters)
Ordering Information
Part Number
Description
PS5162
Li Ion/Poly – 2 series cells
PS501 Two-Cell Battery Manager Module with
LED SOC Display for Lithium Chemistries


Similar Part No. - PS5162

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
More results

Similar Description - PS5162

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
logo
Microchip Technology
PS402-01XX MICROCHIP-PS402-01XX Datasheet
614Kb / 46P
Single Chip Battery Manager - Nickel Chemistries
2003
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5100 MICROCHIP-PS5100 Datasheet
127Kb / 10P
Nickel Chemistry Battery Manager Module with LED SOC Display
2004
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Microchip Technology
PS4160 MICROCHIP-PS4160 Datasheet
244Kb / 10P
PS401 Battery Manager Module with LED SOC Display
03/25/03
PS4200 MICROCHIP-PS4200 Datasheet
266Kb / 8P
PS402 Battery Manager Module with LED SOC Display
02/12/03
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
Two Cell Lithium-ion/Polymer Battery Protection
logo
SHOUDING Shouding Semic...
SD8065 SHOUDING-SD8065 Datasheet
1Mb / 13P
Lithium titanate battery, lithium battery charge manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com