Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 4Page - Microchip Technology MCP1630 Datasheet HTML 5Page - Microchip Technology MCP1630 Datasheet HTML 6Page - Microchip Technology MCP1630 Datasheet HTML 7Page - Microchip Technology MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology MCP1630 Datasheet HTML 10Page - Microchip Technology MCP1630 Datasheet HTML 11Page - Microchip Technology MCP1630 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP1630/MCP1630V
DS21896B-page 8
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF, VIN for typical
values = 5.0V, TA = -40°C to +125°C.
FIGURE 2-1:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-3:
Error Amplifier Frequency
Response.
FIGURE 2-4:
Error Amplifier Input Bias
Current vs. Input Voltage.
FIGURE 2-5:
Error Amplifier Sink Current
vs. Input Voltage.
FIGURE 2-6:
Error Amplifier Source
Current vs. Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.5
1
1.5
2
2.5
3
3.5
Input Voltage (V)
FOSC IN = DC
TA = - 40°C
TA = + 25°C
TA = + 125°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Input Voltage (V)
FOSC IN = 1 MHz
TA = - 40°C
TA = + 25°C
TA = + 125°C
-14
-12
-10
-8
-6
-4
-2
0
2
1000000
10000000
Frequency (Hz)
0
50
100
150
200
250
Gain
Phase
VREF = 2V
RLOAD = 4.7 k
Ω
CLOAD = 67 pF
1M
10M
5M
-100
0
100
200
300
400
500
600
700
Input Voltage (V)
VCM = VIN
TA = - 40°C
TA = + 25°C
TA = + 125°C
TA = + 85°C
0
2
4
6
8
10
12
14
16
18
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
-14
-12
-10
-8
-6
-4
-2
0
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com