Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1630 Datasheet HTML 1Page - Microchip Technology MCP1630 Datasheet HTML 2Page - Microchip Technology MCP1630 Datasheet HTML 3Page - Microchip Technology MCP1630 Datasheet HTML 4Page - Microchip Technology MCP1630 Datasheet HTML 5Page - Microchip Technology MCP1630 Datasheet HTML 6Page - Microchip Technology MCP1630 Datasheet HTML 7Page - Microchip Technology MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21896B-page 1
MCP1630/MCP1630V
Features
• High-Speed PWM Operation (12 ns Current
Sense to Output Delay)
• Operating Temperature Range:
- -40°C to +125°C
• Precise Peak Current Limit (±5%) (MCP1630)
• Voltage Mode and Average Current Mode Control
(MCP1630V)
• CMOS Output Driver (drives MOSFET driver or
low-side N-channel MOSFET directly)
• External Oscillator Input
(from PICmicro® Microcontroller (MCU))
• External Voltage Reference Input (for adjustable
voltage or current output application)
• Peak Current Mode Operation > 1 MHz
• Low Operating Current: 2.8 mA (typ.)
• Fast Output Rise and Fall Times: 5.9 ns and
6.2 ns
• Undervoltage Lockout (UVLO) Protection
• Output Short Circuit Protection
• Overtemperature Protection
Applications
• Intelligent Power Systems
• Smart Battery Charger Applications
• Multiple Output/Multiple Phase Converters
• Output Voltage Calibration
• AC Power Factor Correction
• VID Capability (programmed and calibrated by
PICmicro® microcontroller)
• Buck/Boost/Buck-Boost/SEPIC/Flyback/Isolated
Converters
• Parallel Power Supplies
Related Literature
• “MCP1630 NiMH Demo Board User’s Guide”,
Microchip Technology Inc., DS51505, 2004
• “MCP1630 Low-Cost Li-Ion Battery Charger
User’s Guide”, Microchip Technology Inc.,
DS51555, 2005
• “MCP1630 Li-Ion Multi-Bay Battery Charger
User’s Guide”, Microchip Technology Inc.,
DS51515, 2005
• “MCP1630 Dual Buck Demo Board User’s Guide”,
Microchip Technology Inc., DS51531, 2005
Description
The MCP1630/V is a high-speed Pulse Width Modula-
tor (PWM) used to develop intelligent power systems.
When used with a microcontroller unit (MCU), the
MCP1630/V will control the power system duty cycle to
provide output voltage or current regulation. The MCU
can be used to adjust output voltage or current, switch-
ing frequency, maximum duty cycle and other features
that make the power system more intelligent.
Typical applications include smart battery chargers,
intelligent power systems, brick dc/dc converters, ac
power-factor correction, multiple output power supplies,
multi-phase power supplies and more.
The MCP1630/V inputs were developed to be easily
attached to the I/O of a MCU. The MCU supplies the
oscillator and reference to the MCP1630/V to provide
the most flexible and adaptable power system. The
power system switching frequency and maximum duty
cycle are set using the I/O of the MCU. The reference
input can be external, a D/A Converter (DAC) output or
as simple as an I/O output from the MCU. This enables
the power system to adapt to many external signals
and variables in order to optimize performance and
facilitate calibration.
When operating in Current mode, a precise limit is set
on the peak current. With the fast comparator speed
(typically 12 ns), the MCP1630 is capable of providing a
tight limit on the maximum switch current over a wide
input voltage range when compared to other high-speed
PWM controllers.
For
Voltage
mode
or
Average
Current
mode
applications, the MCP1630V provides a larger range for
the external ramp voltage.
Additional
protection
features
include:
UVLO,
overtemperature and overcurrent.
Package Type
8-Lead DFN
1
2
3
4
8
7
6
5
FB
CS
OSC IN
COMP
VIN
VREF
VEXT
GND
1
2
3
4
8
7
6
5
FB
CS
OSC IN
COMP
VIN
VREF
VEXT
GND
8-Lead MSOP
(2 mm x 3 mm)
High-Speed, Microcontroller-Adaptable,
Pulse Width Modulator


Similar Part No. - MCP1630

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630 Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
MCP1630-E/MC MICROCHIP-MCP1630-E/MC Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
MCP1630-E/MS MICROCHIP-MCP1630-E/MS Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
MCP1630-E/MSVAO MICROCHIP-MCP1630-E/MSVAO Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
More results

Similar Description - MCP1630

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560 AD-AD9560 Datasheet
424Kb / 8P
High Speed Monolithic Pulse Width Modulator
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
High-Speed, Pulse Width Modulator
2008
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com