Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75A Datasheet(PDF) 13 Page - Microchip Technology

Part # TCN75A
Description  2-Wire Serial Temperature Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75A Datasheet(HTML) 13 Page - Microchip Technology

Back Button TCN75A Datasheet HTML 9Page - Microchip Technology TCN75A Datasheet HTML 10Page - Microchip Technology TCN75A Datasheet HTML 11Page - Microchip Technology TCN75A Datasheet HTML 12Page - Microchip Technology TCN75A Datasheet HTML 13Page - Microchip Technology TCN75A Datasheet HTML 14Page - Microchip Technology TCN75A Datasheet HTML 15Page - Microchip Technology TCN75A Datasheet HTML 16Page - Microchip Technology TCN75A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21935C-page 13
TCN75A
5.3.1
AMBIENT TEMPERATURE
REGISTER (TA)
The TCN75A has a 16-bit read-only Ambient
Temperature register that contains 9-bit to 12-bit
temperature data. (0.5°C to 0.0625°C resolutions,
respecively). This data is formatted in two’s
complement. The bit assignments, as well as the
corresponding resolution, is shown in the register
assignment below.
The refresh rate of this register depends on the
selected ADC resolution. It takes 30 ms (typ.) for 9-bit
data and 240 ms (typ.) for 12-bit data. Since this
register is double-buffered, the user can read the
register while the TCN75A performs Analog-to-Digital
conversion in the background. The decimal code to
ambient
temperature
conversion
is
shown
in
Equation 5-2:
EQUATION 5-2:
TA
Code 2
4
–
×
=
Where:
TA = Ambient Temperature (°C)
Code = TCN75A output in decimal
REGISTER 5-2:
AMBIENT TEMPERATURE REGISTER (TA) - ADDRESS <0000 0000>b
Upper Half:
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Sign
26 °C
25 °C
24 °C
23 °C
22 °C
21 °C
20 °C
bit 15
bit 8
Lower Half:
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
2-1 °C/bit
2-2 °C
2-3 °C
2-4 °C
0
0
0
0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Note 1: When the 0.5°C, 0.25°C or 0.125°C resolutions are selected, bit 6, bit 7 or bit 8 will remain clear <0>,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com