Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75A Datasheet (PDF) - Microchip Technology

TCN75A Datasheet PDF - Microchip Technology
Part # TCN75A
Download  TCN75A Download
File Size   1067.37 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Wire Serial Temperature Sensor

TCN75A Datasheet (PDF)

Go To PDF Page Download Datasheet
TCN75A Datasheet PDF - Microchip Technology

Part # TCN75A
Download  TCN75A Click to download

File Size   1067.37 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Wire Serial Temperature Sensor

TCN75A Datasheet (HTML) - Microchip Technology


TCN75A Product details

Description:
Microchip Technology Inc.’s TCN75A digital temperature sensor converts temperatures between -40°C and +125°C to a digital word, with ±1°C (typ.) accuracy.
The TCN75A product comes with user-programmable registers that provide flexibility for temperature-sensing applications. The register settings allow user-selectable, 0.5°C to 0.0625°C temperature measurement resolution, configuration of the power-saving Shutdown and One-shot (single conversion on command while in Shutdown) modes and the specification of both temperature alert output and hysteresis limits. When the temperature changes beyond the specified limits, the TCN75A outputs an alert signal. The user has the option of setting the alert output signal polarity as an active-low or active-high comparator output for thermo stat operation, or as temperature event interrupt output for microprocessor-based systems.

Features:
• Temperature-to-Digital Converter
• Accuracy:
- ±1 (typ.) from -40°C to +125°C
- ±2°C (max.) from +40°C to +125°C
• User-selectable Resolution: 0.5°C to 0.0625°C
• Operating Voltage Range: 2.7V to 5.5V
• 2-wire Interface: I2C™ Compatible
• Operating Current: 200 μA (typ.)
• Shutdown Current: 2 μA (max.)
• Power-saving One-shot Temperature Measurement
• Available Packages: MSOP-8, SOIC-8

Typical Applications:
• Personal Computers and Servers
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Office Equipment
• Data Communication Equipment
• General Purpose Temperature Monitoring




Similar Part No. - TCN75A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TCN75A MICROCHIP-TCN75A Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TCN75AVOA MICROCHIP-TCN75AVOA Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
TCN75AVOA713 MICROCHIP-TCN75AVOA713 Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
TCN75AVUA MICROCHIP-TCN75AVUA Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
More results


Similar Description - TCN75A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
2-Wire Automotive Temperature Serial EEPROM
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
2-Wire Automotive Temperature Serial EEPROM
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A_1 Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com