Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet (PDF) - Microchip Technology

TCN75 Datasheet PDF - Microchip Technology
Part # TCN75
Download  TCN75 Download
File Size   583.62 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Wire Serial Temperature Sensor and Thermal Monitor

TCN75 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCN75 Datasheet PDF - Microchip Technology

Part # TCN75
Download  TCN75 Click to download

File Size   583.62 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Wire Serial Temperature Sensor and Thermal Monitor

TCN75 Datasheet (HTML) - Microchip Technology


TCN75 Product details

GENERAL DESCRIPTION
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple comparator for thermostat operation or as a temperature event interrupt. Communication with the TCN75 is accomplished via a two-wire bus that is compatible with industry standard protocols. This permits reading the current temperature, programming the setpoint and hysteresis, and configuring the device.
The TCN75 powers up in Comparator Mode with a default setpoint of 80°C with 5°C hysteresis. Defaults allow independent operation as a stand-alone thermostat. A shut down command may be sent via the 2-wire bus to activate the low-power standby mode. Address selection inputs allow up to eight TCN75s to share the same 2-wire bus for multi-zone monitoring.
All registers can be read by the host and the INT/CMPTR outputs polarity is user programmable. Both polled and interrupt driven systems are easily accommodated. Small physical size, low installed cost, and ease of use make the TCN75 an ideal choice for implementing sophisticated system management schemes.

FEATURES
■ Solid State Temperature Sensing; 2°C Accuracy (Typ.)
■ Operates from – 55°C to +125°C
■ Operating Range ..................................... 2.7V - 5.5V
■ Programmable Trip Point and Hysteresis with
   Power-up Defaults
■ Standard 2-Wire Serial Interface
■ Thermal Event Alarm Output Functions as
   Interrupt or Comparator / Thermostat Output
■ Up to 8 TCN75s May Share the Same Bus
■ Shutdown Mode for Low Standby Power Consumption
■ Low Power ......................... 250µA (Typ.) Operating
   1µA (Typ.) Shutdown Mode
■ 8-Pin Plastic DIP, SOIC, and MSOP Packaging

TYPICAL APPLICATIONS
■ Thermal Protection for High Performance CPUs
■ Solid-State Thermometer
■ Fire/Heat Alarms
■ Thermal Management in Electronic Systems:
   Computers
   Telecom Racks
   Power Supplies / UPS* / Amplifiers
■ Copiers / Office Electronics
■ Consumer Electronics
■ Process Control




Similar Part No. - TCN75

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TCN75 MICROCHIP-TCN75 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
TelCom Semiconductor, I...
TCN75-3.3MOA TELCOM-TCN75-3.3MOA Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75-3.3MOA MICROCHIP-TCN75-3.3MOA Datasheet
447Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
More results


Similar Description - TCN75

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A Datasheet
1Mb / 32P
2-Wire Serial Temperature Sensor
2006
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
ON Semiconductor
ADT7485A ONSEMI-ADT7485A Datasheet
341Kb / 12P
Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
logo
Microchip Technology
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
TCN75A MICROCHIP-TCN75A_1 Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com