Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 3 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 3 Page - Microchip Technology

  TCN75 Datasheet HTML 1Page - Microchip Technology TCN75 Datasheet HTML 2Page - Microchip Technology TCN75 Datasheet HTML 3Page - Microchip Technology TCN75 Datasheet HTML 4Page - Microchip Technology TCN75 Datasheet HTML 5Page - Microchip Technology TCN75 Datasheet HTML 6Page - Microchip Technology TCN75 Datasheet HTML 7Page - Microchip Technology TCN75 Datasheet HTML 8Page - Microchip Technology TCN75 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2006 Microchip Technology Inc.
DS21490C-page 3
TCN75
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VDD) ............................................ 6.0V
ESD Susceptibility (Note 3) ............................... 1000V
Voltage on Pins:
A0, A1, A2 .......... (GND – 0.3V) to (VDD + 0.3V)
Voltage on Pins:
SDA, SCL, INT/CMPTR .. (GND – 0.3V) to 5.5V
Thermal Resistance (Junction to Ambient)
8-Pin SOIC.......................................... 170°C/W
8-Pin MSOP ....................................... 250°C//W
Operating Temperature Range (TJ): -55°C to +125°C
Storage Temperature Range (TSTG): -65°C to +150°C
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TCN75 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = 2.7V – 5.5V, -55°C ≤ (TA = TJ) ≤ 125°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Power Supply
VDD
Power Supply Voltage
2.7
—
5.5
—
IDD
Operating Current
—
—
0.250
—
—
1.0
mA
Serial Port Inactive (TA = TJ = 25°C)
Serial Port Active
IDD1
Standby Supply Current
—
1
—
μA
Shutdown Mode, Serial Port
Inactive (TA = TJ = 25°C)
INT/CMPTR Output
IOL
Sink Current: INT/CMPTR,
SDA Outputs
—1
4
mA
Note 1
tTRIP
INT/CMPTR Response Time
1
—
6
tCONV User Programmable
VOL
Output Low Voltage
—
—
0.8
V
IOL = 4.0 mA
Temp-to-Bits Converter
ΔT
Temperature Accuracy (Note 2)
—±3
—
°C
-55°C
≤ TA ≤ +125°C
VDD = 3.3V: TCN75-3.3 MOA,
TCN75-3.3 MUA
VDD = 5.0V: TCN75-5.0 MOA,
TCN75-5.0 MUA
—±0.5
±3
°C25°C ≤ TA ≤ 100°C
tCONV
Conversion Time
—
55
—
msec
TSET(PU)
TEMP Default Value
—
80
—
°C
Power-up
THYST(PU)
THYST Default Value
—
75
—
°C
Power-up
2-Wire Serial Bus Interface
VIH
Logic Input High
VDD x 0.7
—
—
V
VIL
Logic Input Low
—
—
VDD x 0.3
V
VOL
Logic Output Low
—
—
0.4
V
IOL = 3 mA
CIN
Input Capacitance SDA, SCL
—
15
—
pF
ILEAK
I/O Leakage
—
±100
—
pA
(TA = TJ = 25°C)
IOL(SDA)
SDA Output Low Current
—
—
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com