Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 11 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TCN75 Datasheet HTML 7Page - Microchip Technology TCN75 Datasheet HTML 8Page - Microchip Technology TCN75 Datasheet HTML 9Page - Microchip Technology TCN75 Datasheet HTML 10Page - Microchip Technology TCN75 Datasheet HTML 11Page - Microchip Technology TCN75 Datasheet HTML 12Page - Microchip Technology TCN75 Datasheet HTML 13Page - Microchip Technology TCN75 Datasheet HTML 14Page - Microchip Technology TCN75 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2006 Microchip Technology Inc.
DS21490C-page 11
TCN75
TABLE 5-3:
TEMPERATURE (TEMP) REGISTER, 16 BITS, READ ONLY
The binary value in this register represents ambient temperature following a conversion cycle.
TABLE 5-4:
TEMPERATURE SET POINT (TSET) REGISTER, 16 BITS, READ/WRITE
TABLE 5-5:
HYSTERESIS (THYST) REGISTER, 16 BITS, READ/WRITE
In the TEMP, TSET, and THYST registers, each unit
value represents one-half degree (Celsius). The value
is in 2’s – complement binary format such that a read-
ing of 000000000b corresponds to 0°C. Examples of
this temperature to binary value relationship are shown
in Table 5-6.
TABLE 5-6:
TEMPERATURE TO DIGITAL
VALUE CONVERSION
TABLE 5-7:
TCN75’S REGISTER SET SUMMARY
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
XX
X
X
X
X
X
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
XX
X
X
X
X
X
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
XX
X
X
X
X
X
Temperature
Binary Value
HEX Value
+125°C
0 11111010
0FA
+25°C
0 00110010
032
+0.5°C
0 00000001
001
0°C
0 00000000
00
0.5°C
1 11111111
1FF
-25°C
1 11001110
1CE
-40°C
1 10110000
1B0
-55°C
1 10010010
192
Name
Description
Width
Read
Write
Notes
TEMP
Ambient Temperature
16
X
2’s Complement Format
TSET
Temperature Setpoint
16
XX
2’s Complement Format
THYST
Temperature Hysteresis
16
XX
2’s Complement Format
POINT
Register Pointer
8
XX
CONFIG
Configuration Register
8
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com