Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 2 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 2 Page - Microchip Technology

  TCN75 Datasheet HTML 1Page - Microchip Technology TCN75 Datasheet HTML 2Page - Microchip Technology TCN75 Datasheet HTML 3Page - Microchip Technology TCN75 Datasheet HTML 4Page - Microchip Technology TCN75 Datasheet HTML 5Page - Microchip Technology TCN75 Datasheet HTML 6Page - Microchip Technology TCN75 Datasheet HTML 7Page - Microchip Technology TCN75 Datasheet HTML 8Page - Microchip Technology TCN75 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TCN75
DS21490C-page 2
© 2006 Microchip Technology Inc.
Device Selection Table
Functional Block Diagram
Part Number
Supply Voltage
Package
Junction Temperature Range
TCN75-3.3MOA
3.3
8-Pin SOIC
-55°C to +125°C
TCN75-5.0MOA
5.0
8-Pin SOIC
-55°C to +125°C
TCN75-3.3MUA
3.3
8-Pin MSOP
-55°C to +125°C
TCN75-5.0MUA
5.0
8-PIn MSOP
-55°C to +125°C
Control
Logic
TCN75
INT/CMPTR
Register Set
TSET
THYST
Configuration
A0
VDD
Temp
Sensor
SCL
SDA
A1
A2
Temperature
9-Bit
DS
A/D
Converter
Two Wire
Serial Port
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com