Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 7 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TCN75 Datasheet HTML 3Page - Microchip Technology TCN75 Datasheet HTML 4Page - Microchip Technology TCN75 Datasheet HTML 5Page - Microchip Technology TCN75 Datasheet HTML 6Page - Microchip Technology TCN75 Datasheet HTML 7Page - Microchip Technology TCN75 Datasheet HTML 8Page - Microchip Technology TCN75 Datasheet HTML 9Page - Microchip Technology TCN75 Datasheet HTML 10Page - Microchip Technology TCN75 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2006 Microchip Technology Inc.
DS21490C-page 7
TCN75
3.6
Comparator/Interrupt Modes
INT/CMPTR behaves differently depending on whether
the TCN75 is in Comparator mode or Interrupt mode.
Comparator mode is designed for simple thermostatic
operation. INT/CMPTR will go active anytime TEMP
exceeds TSET. When in Comparator mode, INT/
CMPTR will remain active until TEMP falls below
THYST, whereupon it will reset to its inactive state. The
state of INT/CMPTR is maintained in Shutdown mode
when the TCN75 is in Comparator mode. In Interrupt
mode, INT/CMPTR will remain active indefinitely, even
if TEMP falls below THYST, until any register is read via
the 2-wire bus. Interrupt mode is better suited to inter-
rupt driven microprocessor-based systems. The INT/
CMPTR output may be wire-OR’ed with other interrupt
sources in such systems. Note that a pull-up resistor is
necessary on this pin since it is an open-drain output.
Entering Shutdown mode will unconditionally reset INT/
CMPTR when in Interrupt mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com