Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet (PDF) - ON Semiconductor

LM75 Datasheet PDF - ON Semiconductor
Part # LM75
Download  LM75 Download
File Size   150.47 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Wire Serial Temperature Sensor and Monitor

LM75 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM75 Datasheet PDF - ON Semiconductor

Part # LM75
Download  LM75 Click to download

File Size   150.47 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Wire Serial Temperature Sensor and Monitor

LM75 Datasheet (HTML) - ON Semiconductor


LM75 Product details

The LM75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user–programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple comparator for thermostat operation or as a temperature event interrupt. Communication with the LM75 is accomplished via a two–wire bus that is compatible with industry standard protocols. This permits reading the current temperature, programming the setpoint and hysteresis, and configuring the device.
The LM75 powers up in Comparator Mode with a default setpoint of 80°C with 5°C hysteresis. Defaults allow independent operation as a stand–alone thermostat. A shutdown command may be sent via the 2–wire bus to activate the low–power standby mode. Address selection inputs allow up to eight LM75’s to share the same 2–wire bus for multi–zone monitoring.
All registers can be read by the host and the INT/CMPTR output’s polarity is user programmable. Both polled and interrupt driven systems are easily accommodated. Small physical size, low installed cost, and ease of use make the LM75 an ideal choice for implementing sophisticated system management schemes.

Features
• Temperature Sensing: 0.5°C Accuracy (Typ.)
• Operates from: 55°C to +125°C
• Operating Range: 2.7V – 5.5V
• Programmable Trip Point and Hysteresis with
   Power–up Defaults
• Standard 2–Wire Serial Interface
• Thermal Event Alarm Output Functions as Interrupt or Comparator /
   Thermostat Output
• Up to 8 LM75’s May Share the Same Bus
• Shutdown Mode for Low Standby Power Consumption
• 5V Tolerant I/O at VDD = 3V
• Low Power 250µA (Typ.) Operating, 1µA (Typ.)
   Shutdown Mode

Typical Applications
• Thermal Protection for High Performance CPUs
• Solid–State Thermometer
• Fire/Heat Alarms
• Thermal Management in Electronic Systems:
   Computers
   Telecom Racks
   Power Supplies / UPS
• Copiers / Office Electronics
• Consumer Electronics / Amplifiers
• Process Control




Similar Part No. - LM75

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Seoul Semiconductor
LM750Z SEOUL-LM750Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM751 SEOUL-LM751 Datasheet
376Kb / 14P
INFRARED LAMP LED
More results


Similar Description - LM75

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75A MICROCHIP-TCN75A Datasheet
1Mb / 32P
2-Wire Serial Temperature Sensor
2006
logo
ON Semiconductor
ADT7485A ONSEMI-ADT7485A Datasheet
341Kb / 12P
Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
Microchip Technology
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
S5851A SII-S5851A Datasheet
569Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A_1 Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com