Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75AVOA Datasheet(PDF) 21 Page - Microchip Technology

Part # TCN75AVOA
Description  2-Wire Serial Temperature Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75AVOA Datasheet(HTML) 21 Page - Microchip Technology

Back Button TCN75AVOA Datasheet HTML 17Page - Microchip Technology TCN75AVOA Datasheet HTML 18Page - Microchip Technology TCN75AVOA Datasheet HTML 19Page - Microchip Technology TCN75AVOA Datasheet HTML 20Page - Microchip Technology TCN75AVOA Datasheet HTML 21Page - Microchip Technology TCN75AVOA Datasheet HTML 22Page - Microchip Technology TCN75AVOA Datasheet HTML 23Page - Microchip Technology TCN75AVOA Datasheet HTML 24Page - Microchip Technology TCN75AVOA Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21935C-page 21
TCN75A
5.3.4.1
Shutdown Mode
The Shutdown mode disables all power-consuming
activities (including temperature sampling operations)
while leaving the serial interface active. The device
consumes 2
μA (max.) in this mode. It remains in this
mode until the Configuration register is updated to
enable continuous conversion or until power is
recycled.
In Shutdown mode, the CONFIG, TA, TSET and THYST
registers can be read or written to; however, the serial
bus activity will increase the shutdown current.
5.3.4.2
One-Shot Mode
The TCN75A can also be used in a One-shot mode that
can be selected using bit 7 of the CONFIG register. The
One-shot mode performs a single temperature
measurement and returns to Shutdown mode. This
mode is especially useful for low-power applications
where temperature is measured upon command from a
controller. For example, a 9-bit TA in One-shot mode
consumes 200
μA (typ.) for 30 ms and 0.1 μA (typ.)
during shutdown.
To access this feature, the device needs to initially be
in Shutdown mode. This is done by sending a byte to
the CONFIG register with bit 0 set <1> and bit 7 cleared
<0>. Once the device is in Shutdown mode, the
CONFIG register needs to be written to again, with bit
0 and bit 7 set <1>. This begins the single conversion
cycle of tCONV, 30ms for 9-bit data. Once the
conversion is completed, TA is updated and bit 7 of
CONFIG becomes cleared <0> by the TCN75A.
TABLE 5-6:
SHUTDOWN AND ONE-SHOT
MODE DESCRIPTION
5.3.4.3
ALERT Output Configuration
The ALERT output can be configured as either a
comparator output or as Interrupt Output mode using
bit 1 of CONFIG. The polarity can also be specified as
an active-high or active-low using bit 2 of CONFIG.
The following sections describe each output mode,
while Figure 5-6 gives a graphical description.
5.3.4.4
Comparator Mode
In Comparator mode, the ALERT output is asserted
when TA is greater than TSET. The pin remains active
until TA is lower than THYST. The Comparator mode is
useful for thermostat-type applications, such as turning
on a cooling fan or triggering a system shutdown when
the temperature exceeds a safe operating range.
In Comparator mode, if the device enters the Shutdown
mode with asserted ALERT output, the output remains
active during shutdown. The device must be operating
in continuous conversion, with TA below THYST, for the
ALERT output to be deasserted.
5.3.4.5
Interrupt Mode
In Interrupt mode, the ALERT output is asserted when TA
is greater than TSET. However, the output is deasserted
when the user performs a read from any register. This
mode is designed for interrupt-driven, microcontroller-
based systems. The microcontroller receiving the inter-
rupt will have to acknowledge the interrupt by reading
any register from the TCN75A. This will clear the interrupt
and the ALERT pin will become deasserted. When TA
drifts below THYST, the TCN75A outputs another interrupt
and the controller needs to read a register to deassert the
ALERT output. Shutting down the device will also reset,
or deassert, the ALERT output.
FIGURE 5-6:
Alert Output.
Operational Mode
One-Shot
(Bit 7)
Shutdown
(Bit 0)
Continuous Conversion
00
Shutdown
01
Continuous Conversion
(One-shot is ignored)
10
One-shot (Note 1)
11
Note 1: The shutdown command <01> needs to
be programmed before sending a one-
shot command <11>.
TSET
THYST
ALERT
ALERT
Comparator mode
Interrupt mode
Active-low
Active-low
TA
Register
Read
* See Section 5.3.4.5 “Interrupt Mode”
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com