Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75AVOA Datasheet(PDF) 20 Page - Microchip Technology

Part # TCN75AVOA
Description  2-Wire Serial Temperature Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75AVOA Datasheet(HTML) 20 Page - Microchip Technology

Back Button TCN75AVOA Datasheet HTML 16Page - Microchip Technology TCN75AVOA Datasheet HTML 17Page - Microchip Technology TCN75AVOA Datasheet HTML 18Page - Microchip Technology TCN75AVOA Datasheet HTML 19Page - Microchip Technology TCN75AVOA Datasheet HTML 20Page - Microchip Technology TCN75AVOA Datasheet HTML 21Page - Microchip Technology TCN75AVOA Datasheet HTML 22Page - Microchip Technology TCN75AVOA Datasheet HTML 23Page - Microchip Technology TCN75AVOA Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
TCN75A
DS21935C-page 20
© 2006 Microchip Technology Inc.
FIGURE 5-5:
Timing Diagram for Writing and Reading from the Temperature Limit-set Register
(See Section 4.0 “Serial Communication”).
SDA
A
C
K
10
0
1
A
TSET Pointer
00
0
0
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
0
Address Byte
A
C
K
10
0
1
A
MSB Data
A
C
K
N
A
K
S
P
2
A
1
A
0
12
3
4
5
6
7
8
1
2
345
67
8
1
2
3
4
567
8
Address Byte
LSB Data
R
TCN75A
TCN75A
TCN75A
Master
Master
W
SDA
SCL
01
1
01
0
1
1
01
0
0
0
0
0
0
00
0
• Reading the TSET Register.
• Writing to the TSET Register to set the temperature limit to 90°C, <0101 1010 0000 0000>b
SDA
A
C
K
10
0
1
A
00
0
0
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
0
Address Byte
W
TCN75A
TCN75A
MSB Data
A
C
K
A
C
K
P
1
2
345
6
7
8
1
2
3
4
567
8
LSB Data
TSET Pointer
TCN75A
TCN75A
01
1
01
0
1
1
01
0
0
0
0
0
0
00
0
Note:
It is not necessary to
select
the
register
pointer if it was set from
the previous read/write.
(see Section 4.1.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com