Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271RT-E/P Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6271RT-E/P
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271RT-E/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6271RT-E/P Datasheet HTML 25Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 26Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 27Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 28Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 29Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 30Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 31Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 32Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 29
MCP6271/1R/2/3/4/5
APPENDIX A: REVISION HISTORY
Revision E (December 2006)
The following is the list of modifications:
1.
Updated specifications (Section 1.0 “Electrical
Characteristics”):
a) Clarified Absolute Maximum Analog Input
Voltage and Current specifications.
b) Clarified VCMR, VOL, VOH, and PM
specifications.
c)
Corrected the typical Eni.
2.
Added plots on Common Mode Input Range
behavior vs. temperature and supply voltage
(Section 2.0 “Typical Performance Curves”).
3.
Added applications writeup on unused op amps
and corrected description of floating CS pin
behavior (Section 4.0 “Application Informa-
tion”).
4.
Updated package information (Section 6.0
“Packaging Information”):
a) Corrected package markings.
b) Added disclaimer to package outline
drawings.
Revision D (December 2004)
The following is the list of modifications:
1.
Added SOT-23-5 packages for the DSTEMP
and MCP6271R single op amps.
2.
Added SOT-23-6 packages for the DSTEMP
single op amp.
3.
Added Section 3.0 “Pin Descriptions”.
4.
Corrected application circuits
(Section 4.9 “Application Circuits”).
5.
Added SOT-23-5 and SOT-23-6 packages and
corrected
package
marking
information
(Section 6.0 “Packaging Information”).
6.
Added Appendix A: Revision History.
Revision C (June 2004)
Revision B (October 2003)
Revision A (June 2003)
• Original data sheet release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com