Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271RT-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6271RT-E/P
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271RT-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP6271RT-E/P Datasheet HTML 1Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 2Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 3Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 4Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 5Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 6Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 7Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 8Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 1
MCP6271/1R/2/3/4/5
Features
• Gain Bandwidth Product: 2 MHz (typ.)
• Supply Current: IQ = 170 µA (typ.)
• Supply Voltage: 2.0V to 5.5V
• Rail-to-Rail Input/Output
• Extended Temperature Range: –40°C to +125°C
• Available in Single, Dual and Quad Packages
• Parts with Chip Select (CS)
-Single (MCP6273)
-Dual (MCP6275)
Applications
• Automotive
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery Powered Systems
Available Tools
• SPICE Macro Model (at www.microchip.com)
• FilterLab® Software (at www.microchip.com)
Description
The Microchip Technology Inc. MCP6271/1R/2/3/4/5
family of operational amplifiers (op amps) provide wide
bandwidth for the current. This family has a 2 MHz
Gain Bandwidth Product (GBWP) and a 65° Phase
Margin. This family also operates from a single supply
voltage as low as 2.0V, while drawing 170 µA (typ.)
quiescent current. The MCP6271/1R/2/3/4/5 supports
rail-to-rail input and output swing, with a common mode
input voltage range of VDD +300 mV to VSS –300 mV.
This family of op amps is designed with Microchip’s
advanced CMOS process.
The MCP6275 has a Chip Select input (CS) for dual op
amps in an 8-pin package and is manufactured by
cascading two op amps (the output of op amp A
connected to the non-inverting input of op amp B). The
CS input puts the device in low power mode.
The MCP6271/1R/2/3/4/5 family operates over the
Extended Temperature Range of –40°C to +125°C,
with a power supply range of 2.0V to 5.5V.
Package Types
VIN–
MCP6271
PDIP, SOIC, MSOP
VDD
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
VIN+
VSS
VOUT
+ -
-+
-
VIN–
MCP6273
PDIP, SOIC, MSOP
VDD
1
2
3
4
8
7
6
5
-
+
NC
CS
NC
VIN+
VSS
VOUT
VINA–
MCP6272
PDIP, SOIC, MSOP
VOUTB
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
VINA+
VSS
VINB–
-
+ -
+
VINA–
MCP6274
PDIP, SOIC, TSSOP
VIND–
1
2
3
4
14
13
12
11 VSS
VOUTD
VOUTA
VINA+
VDD
VIND+
5
6
7
10
9
8
-
+ -
+
+
-
-
+
VINB+
VINC+
VOUTC
VINB–
VOUTB
VINC–
VINA–
MCP6275
PDIP, SOIC, MSOP
VOUTB
1
2
3
4
8
7
6
5 CS
VDD
VOUTA/VINB+
VINA+
VSS
VINB–
VSS
MCP6273
SOT-23-6
CS
1
2
3
6
5
4
VDD
VOUT
VIN+VIN–
-
VSS
MCP6271
SOT-23-5
1
2
3
5
4
VDD
VOUT
VIN+
VIN–
-
VDD
MCP6271R
SOT-23-5
1
2
3
5
4
VSS
VOUT
VIN+
VIN–
170 µA, 2 MHz Rail-to-Rail Op Amp


Similar Part No. - MCP6271RT-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271RT-E/P MICROCHIP-MCP6271RT-E/P Datasheet
679Kb / 36P
170 關A, 2 MHz Rail-to-Rail Op Amp
2008
More results

Similar Description - MCP6271RT-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
170 UA, 2 MHz Rail-to-Rail Op Amp
2004
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
170 關A, 2 MHz Rail-to-Rail Op Amp
2008
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com