Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8601 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8601
Description  RGB/YUV and fast blanking switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8601 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8601 Datasheet HTML 1Page - NXP Semiconductors TDA8601 Datasheet HTML 2Page - NXP Semiconductors TDA8601 Datasheet HTML 3Page - NXP Semiconductors TDA8601 Datasheet HTML 4Page - NXP Semiconductors TDA8601 Datasheet HTML 5Page - NXP Semiconductors TDA8601 Datasheet HTML 6Page - NXP Semiconductors TDA8601 Datasheet HTML 7Page - NXP Semiconductors TDA8601 Datasheet HTML 8Page - NXP Semiconductors TDA8601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1996 Jun 27
5
Philips Semiconductors
Product specification
RGB/YUV and fast blanking switch
TDA8601
THERMAL CHARACTERISTICS
OPERATING CHARACTERISTICS
The operating characteristics are the conditions within the IC when it is functional; these conditions can have any value.
For example, condition VIL (pin 5) is fixed at 0.5 V. The IC will then operate over the full temperature range and supply
voltage range.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
DIP16
70
K/W
SO16
115
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
7.2
8.0
8.8
V
Video inputs (pins 1 to 3 and 6 to 8)
Vi(p-p)
input video signal amplitude
(peak-to-peak value)
R, G, B signals
−
0.7
1
V
Y signal; active clamp
−
1
1.4
V
−(B − Y) signal; active clamp −
1.05
1.5
V
−(R − Y) signal; active clamp −
1.33
1.9
V
Ci
input clamp capacitor
−
47
−
nF
Control inputs (pins 5 and 16)
VIH
HIGH level input voltage (pin 5)
IIH =10 µA
0.9
−
VP
V
VIL
LOW level input voltage (pin 5)
IIL = −10 µA
−−
0.5
V
VIH
HIGH level input voltage (pin 16)
IIH =10 µA
2.0
−
VP
V
VIL
LOW level input voltage (pin 16)
IIL = −10 µA
−−
0.8
V
Vsc
sandcastle input voltage level
(pin 16)
zero level
−−
1.1
V
blanking level
2.0
−
3.1
V
clamp level
3.9
−
5.5
V
tW
clamp pulse width
SECAM mode
−
3.6
−µs
PAL mode
−
2.5
−µs
Fast blanking inputs (pins 14 and 15)
VIH
HIGH level input voltage
0.95
−
VP
V
VIL
LOW level input voltage
−−
0.5
V
Video outputs (pins 10 to 12)
CL
output load capacitor
−
40
100
pF
RL
output load resistor
note 1
1
−−
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com