Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8601 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8601
Description  RGB/YUV and fast blanking switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8601 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8601 Datasheet HTML 1Page - NXP Semiconductors TDA8601 Datasheet HTML 2Page - NXP Semiconductors TDA8601 Datasheet HTML 3Page - NXP Semiconductors TDA8601 Datasheet HTML 4Page - NXP Semiconductors TDA8601 Datasheet HTML 5Page - NXP Semiconductors TDA8601 Datasheet HTML 6Page - NXP Semiconductors TDA8601 Datasheet HTML 7Page - NXP Semiconductors TDA8601 Datasheet HTML 8Page - NXP Semiconductors TDA8601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Jun 27
4
Philips Semiconductors
Product specification
RGB/YUV and fast blanking switch
TDA8601
PINNING
SYMBOL
PIN
DESCRIPTION
VP
1
supply voltage (8 V)
VIDIa1
2
video input a (channel 1)
VIDIb1
3
video input b (channel 1)
VIDIc1
4
video input c (channel 1)
SEL
5
channel selection
VIDIa2
6
video input a (channel 2)
VIDIb2
7
video input b (channel 2)
VIDIc2
8
video input c (channel 2)
GND
9
ground
VIDOc
10
video output c
VIDOb
11
video output b
VIDOa
12
video output a
FBO
13
fast blanking output signal
FBI2
14
fast blanking input signal
(channel 2)
FBI1
15
fast blanking input signal
(channel 1)
IOCNTR
16
control of video input or video
output
Fig.2 Pin configuration.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
ESD in accordance with
“MIL STD 883C” - “Method 3015”:
1. Human body model: 1500
Ω, 100 pF, 3 pulses positive and 3 pulses negative on each pin with respect to ground.
Class 2: 2000 to 3999 V.
2. Machine model: 0
Ω, 200 pF, 3 pulses positive and 3 pulses negative on each pin with respect to ground. The IC
withstands 200 V.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage
−0.3
+12
V
Vi
input voltage (pins 2 to 4 and 6 to 8) referenced to ground
0
8.8
V
Tj
junction temperature
−
150
°C
Tstg
IC storage temperature
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com