Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8601T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8601T
Description  RGB/YUV and fast blanking switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8601T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8601T Datasheet HTML 4Page - NXP Semiconductors TDA8601T Datasheet HTML 5Page - NXP Semiconductors TDA8601T Datasheet HTML 6Page - NXP Semiconductors TDA8601T Datasheet HTML 7Page - NXP Semiconductors TDA8601T Datasheet HTML 8Page - NXP Semiconductors TDA8601T Datasheet HTML 9Page - NXP Semiconductors TDA8601T Datasheet HTML 10Page - NXP Semiconductors TDA8601T Datasheet HTML 11Page - NXP Semiconductors TDA8601T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Jun 27
8
Philips Semiconductors
Product specification
RGB/YUV and fast blanking switch
TDA8601
Notes
1. The supply voltage rejection ratio is measured at the video outputs (pins 10 to 12) when a sine wave is applied on
the power supply pin (pin 1); where: VDC = 8 V; Vi = 100 mV (p-p). This additional sine wave on the power supply pin
is guaranteed not to cause extraneous oscillations on the video control and fast blanking signals.
2. The 6 video inputs will contain the same signal. The source impedance is 50
Ω.
3. The blanking offset is the level difference between the two channels when they are selected separately and, also, on
one video output. This value is measured on each video signal.
4. The delay between the SEL input and the video output together with the switching time of the video output is
illustrated in Fig.3. The amplitude of the video signal is 1.9 V (p-p) when the clamp is active and 1.0 V (p-p) when the
clamp is passive.
5. The delay between the SEL input and fast blanking output together with the switching time of fast blanking output is
illustrated in Fig.4.
6. The fast blanking delay between input and output is illustrated in Fig.5.
7. The video delay between input and output and delay differences are illustrated in Fig.6. Inputs 1 and 2 are either fast
blanking input plus a video signal or two video signals. The amplitude of the video signal is 0.5 V (p-p). The video
signal levels (i1, i2, o1 and o2) are 50% of the video amplitude. The fast blanking signal levels (i1 and o1) are 0.95 V
when the signal rises and 0.5 V when the signal falls.
Timing
tdSEL;VID
delay time between SEL input and
video output
note 4
−
12
20
ns
tdSEL;FBO
delay time between SEL input and
fast blanking output
note 5
−
15
40
ns
tSWVID
switching time of video output
note 4
−
8.5
15
ns
tSWFBO
switching time of fast blanking
output
note 5
−
8.5
15
ns
tdFB
fast blanking level delay between
input and output
note 6
−
13
20
ns
tdVID
video delay between input and
output
note 7
−
420
ns
∆t
dVID
delay difference between two
video signals at the output
note 7
−
0.5
10
ns
∆t
dFB;VID
delay difference between fast
blanking level and video at the
output
note 7
−
510
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com