Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8601T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8601T
Description  RGB/YUV and fast blanking switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8601T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8601T Datasheet HTML 1Page - NXP Semiconductors TDA8601T Datasheet HTML 2Page - NXP Semiconductors TDA8601T Datasheet HTML 3Page - NXP Semiconductors TDA8601T Datasheet HTML 4Page - NXP Semiconductors TDA8601T Datasheet HTML 5Page - NXP Semiconductors TDA8601T Datasheet HTML 6Page - NXP Semiconductors TDA8601T Datasheet HTML 7Page - NXP Semiconductors TDA8601T Datasheet HTML 8Page - NXP Semiconductors TDA8601T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Jun 27
2
Philips Semiconductors
Product specification
RGB/YUV and fast blanking switch
TDA8601
FEATURES
• YUV/RGB and fast blanking switch
• 3-state output
• Selectable clamp:
– passive (with diodes) or
– active clamp
• Bandwidth greater than 22 MHz
• Fully ESD protected
• Latch-up free.
APPLICATIONS
• Standard and high definition television sets
• Peri-television sets.
GENERAL DESCRIPTION
The device is intended for switching between two RGB or
YUV video sources. The outputs can be set to a
high-impedance state to enable parallel connection of
several devices.
A HIGH level on SEL (pin 5) selects the video inputs of
Channel 2. The IOCNTR control pin (pin 16) defines the
3-state outputs and clamp inputs:
• HIGH = 3-state outputs (also for test; active clamp)
• LOW = passive clamp at the video inputs (diode)
• Sandcastle: the video signal is clamped with an active
clamp during the sync pulse.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
7.2
8.0
8.8
V
Gv
voltage gain
−0.5
0
+0.5
dB
B
bandwidth
at 3 dB
22
−−
MHz
αct
crosstalk attenuation between two
video channels
fi = 5 MHz
−60
−−
dB
Tamb
operating ambient temperature
0
−
70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8601
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TDA8601T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com