Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4821-E/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP4821-E/MS
Description  12-Bit DACs with Internal VREF and SPI??Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4821-E/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP4821-E/MS Datasheet HTML 17Page - Microchip Technology MCP4821-E/MS Datasheet HTML 18Page - Microchip Technology MCP4821-E/MS Datasheet HTML 19Page - Microchip Technology MCP4821-E/MS Datasheet HTML 20Page - Microchip Technology MCP4821-E/MS Datasheet HTML 21Page - Microchip Technology MCP4821-E/MS Datasheet HTML 22Page - Microchip Technology MCP4821-E/MS Datasheet HTML 23Page - Microchip Technology MCP4821-E/MS Datasheet HTML 24Page - Microchip Technology MCP4821-E/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21953A-page 21
MCP4821/MCP4822
6.5.1.2
Building a “Window” DAC
When calibrating a set point or threshold of a sensor,
rarely does the sensor utilize the entire output range of
the DAC. If the LSb size is adequate to meet the appli-
cation’s accuracy needs, the resolution is sacrificed
without consequences. If greater accuracy is needed,
then the output range will need to be reduced to
increase the resolution around the desired threshold. If
the threshold is not near VREF, 2VREF or AVSS, then
creating a “window” around the threshold has several
advantages. One simple method to create this
“window” is to use a voltage divider network with a pull-
up
and
pull-down
resistor.
Example 6-2
and
Example 6-4 illustrates this concept.
The
MCP482X
family’s
low
±0.75
(max.)
DNL
performance is critical to meet calibration accuracy in
production.
EXAMPLE 6-2:
Single-Supply “Window” DAC.
MCP482X
VDD
SPI™
3
VTRIP
R1
R2
0.1 µF
Comparator
R3
VCC-
G = Gain select (1x or 2x)
D = Digital value of DAC (0 – 4096)
VCC+
VCC+
VCC-
VOUT
V
OUT
2.048 G
D
2
12
-------
⋅
=
R
23
R
2R3
R
2
R
3
+
------------------
=
V
23
V
CC+R2
()
V
CC-R3
()
+
R
2
R
3
+
------------------------------------------------------
=
V
trip
V
OUTR23
V
23R1
+
R
2
R
23
+
--------------------------------------------
=
R1
R23
V23
VOUT
VO
Thevenin
Equivalent
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com