Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4821-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP4821-E/MS
Description  12-Bit DACs with Internal VREF and SPI??Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4821-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP4821-E/MS Datasheet HTML 15Page - Microchip Technology MCP4821-E/MS Datasheet HTML 16Page - Microchip Technology MCP4821-E/MS Datasheet HTML 17Page - Microchip Technology MCP4821-E/MS Datasheet HTML 18Page - Microchip Technology MCP4821-E/MS Datasheet HTML 19Page - Microchip Technology MCP4821-E/MS Datasheet HTML 20Page - Microchip Technology MCP4821-E/MS Datasheet HTML 21Page - Microchip Technology MCP4821-E/MS Datasheet HTML 22Page - Microchip Technology MCP4821-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21953A-page 19
MCP4821/MCP4822
6.0
TYPICAL APPLICATIONS
The MCP482X devices are general purpose DACs
intended to be used in applications where a precision,
low-power DAC with moderate bandwidth and internal
voltage reference is required.
Applications generally suited for the MCP482X devices
include:
• Set Point or Offset Trimming
• Sensor Calibration
• Precision Selectable Voltage Reference
• Portable Instrumentation (Battery-Powered)
• Calibration of Optical Communication Devices
6.1
Digital Interface
The MCP482X devices utilize a 3-wire synchronous
serial protocol to transfer the DACs’ setup and output
values from the digital source. The serial protocol can
be interfaced to SPI™ or Microwire peripherals com-
mon on many microcontroller units (MCUs), including
Microchip’s PICmicro® MCUs and dsPIC® DSC family
of MCUs. In addition to the three serial connections
(CS, SCK and SDI), the LDAC signal synchronizes
when the serial settings are latched into the DAC’s
output from the serial input latch. Figure 6-1 illustrates
the required connections. Note that LDAC is active-low.
If desired, this input can be tied low to reduce the
required connections from 4 to 3. Write commands will
be latched directly into the output latch when a valid 16
clock transmission has been received and CS has
been raised.
6.2
Power Supply Considerations
The typical application will require a bypass capacitor
in order to filter high-frequency noise. The noise can be
induced onto the power supply's traces or as a result of
changes on the DAC's output. The bypass capacitor
helps to minimize the effect of these noise sources on
signal integrity. Figure 6-1 illustrates an appropriate
bypass strategy.
In this example, the recommended bypass capacitor
value is 0.1 µF. This capacitor should be placed as
close to the device power pin (VDD) as possible (within
4mm).
The power source supplying these devices should be
as clean as possible. If the application circuit has sep-
arate digital and analog power supplies, AVDD and
AVSS should reside on the analog plane.
6.3
Output Noise Considerations
The voltage noise density (in µV/
√Hz) is illustrated in
Figure 2-9. This noise appears at VOUTX, and is prima-
rily a result of the internal reference voltage. Its 1/f
corner (fCORNER) is approximately 400 Hz.
Figure 2-10 illustrates the voltage noise (in mVRMS or
mVP-P). A small bypass capacitor on VOUTX is an
effective method to produce a single-pole Low-Pass
Filter (LPF) that will reduce this noise. For instance, a
bypass capacitor sized to produce a 1 kHz LPF would
result in an ENREF of about 100 µVRMS. This would be
necessary when trying to achieve the low DNL
performance (at G = 1) that the MCP482X devices are
capable of. The tested range for stability is .001µF thru
4.7 µF.
FIGURE 6-1:
Typical Connection
Diagram.
6.4
Layout Considerations
Inductively-coupled AC transients and digital switching
noise
can
degrade
the
output
signal
integrity,
potentially
masking
the
MCP482X
family’s
performance. Careful board layout will minimize these
effects and increase the Signal-to-Noise Ratio (SNR).
Bench testing has shown that a multi-layer board
utilizing a low-inductance ground plane, isolated inputs,
isolated outputs and proper decoupling are critical to
achieving the performance that the MCP482X devices
are
capable
of
providing.
Particularly
harsh
environments may require shielding of critical signals.
Breadboards
and
wire-wrapped
boards
are
not
recommended if low noise is desired.
VDD
VDD
VDD
AVSS
AVSS
AVSS
VOUTA
VOUTB
0.1 µF
0.1 µF 0.1 µF
VOUTA
VOUTB
SDI
SDI
CS1
SDO
SCK
LDAC
CS0
1µF
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com