Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6G01
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6G01 Datasheet HTML 17Page - Microchip Technology MCP6G01 Datasheet HTML 18Page - Microchip Technology MCP6G01 Datasheet HTML 19Page - Microchip Technology MCP6G01 Datasheet HTML 20Page - Microchip Technology MCP6G01 Datasheet HTML 21Page - Microchip Technology MCP6G01 Datasheet HTML 22Page - Microchip Technology MCP6G01 Datasheet HTML 23Page - Microchip Technology MCP6G01 Datasheet HTML 24Page - Microchip Technology MCP6G01 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 21
MCP6G01/1R/1U/2/3/4
RLAD is intended to be driven at the VSS pin by a low
impedance voltage source. The power supply driving
the VSS pin should have an output impedance less than
0.1
Ω to maintain reasonable gain accuracy.
4.3
MCP6G03 Chip Select (CS)
The MCP6G03 is a single amplifier with chip select
(CS). When CS is high, the internal op amp is shut
down and its output placed in a high-Z state. The
resistive ladder is always connected between VSS and
VOUT; even in shutdown. This means that the output
resistance will be 350 k
Ω (typ.), with a path for output
signals to appear at the input. The supply current at
VSS includes the current through the load resistor and
ladder resistors; it also includes current from the CS pin
to VSS. When CS is low, the amplifier is enabled. If CS
is left floating, the amplifier may not operate properly.
Figure 1-2 and Figure 2-43 show how the output
voltage and supply current response to a CS pulse.
4.4
Gain Select (GSEL)
The amplifier can be set to the gains +1 V/V, +10 V/V,
and +50 V/V using one input pin (GSEL). At the same
time, different compensation capacitors are selected to
optimize the bandwidth vs. slew rate trade-off (see
Table 4-1). Table 4-2 shows how to change the gain
using a GPIO pin on a microcontroller and Table 4-3
shows how to hard wire the gain (i.e., using PCB
wiring).
TABLE 4-2:
MCU DRIVEN GAIN
SELECTION
TABLE 4-3:
HARD WIRED GAIN
SELECTION
4.5
Capacitive Load and Stability
Large capacitive loads can cause stability problems
and reduced bandwidth for the MCP6G01/1R/1U/2/3/4
family of SGAs (Figure 2-30 and Figure 2-34). As the
load capacitance increases, there is a corresponding
increase in frequency response peaking and step
response overshoot and ringing. This happens
because a large load capacitance decreases the
internal amplifier’s phase margin and bandwidth.
When driving large capacitive loads with these SGAs
(i.e., > 60 pF), a small series resistor at the output
(RISO in Figure 4-5) improves the internal amplifier’s
stability by making the load resistive at higher
frequencies. The bandwidth will be generally lower
than the bandwidth with no capacitive load.
FIGURE 4-5:
SGA Circuit for Large
Capacitive Loads.
Figure 4-6 gives recommended RISO values for
different capacitive loads. After selecting RISO for your
circuit, double check the resulting frequency response
peaking and step response overshoot on the bench.
Modify RISO’s value until the response is reasonable at
all gains.
Gain
MCU Pin’s State
+1 V/V
Output PIC’s VREF at VDD/2
Digital Output High-Z (Notes 1)
Output VDD/2 PWM signal (Notes 2)
+10 V/V
Digital Output driven Low
+50 V/V
Digital Output driven High
Note 1: See Section 4.8.1 “Driving the Gain
Select Pin with a Microcontroller GPIO
Pin”.
2: See Section 4.8.2 “Driving the Gain
Select Pin with a PWM Signal”
Selected Gain
Possible GSEL Drivers
+1 V/V
Open Circuit (Note 1)
Low impedance source at VDD/2
+10 V/V
Tied to GND (0V)
+50 V/V
Tied to VDD
Note 1: The GSEL pin floats to mid-supply
(VDD/2); a bypass capacitor may be
needed.
VIN
VOUT
MCP6G0X
RISO
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com