Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6G01
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6G01 Datasheet HTML 1Page - Microchip Technology MCP6G01 Datasheet HTML 2Page - Microchip Technology MCP6G01 Datasheet HTML 3Page - Microchip Technology MCP6G01 Datasheet HTML 4Page - Microchip Technology MCP6G01 Datasheet HTML 5Page - Microchip Technology MCP6G01 Datasheet HTML 6Page - Microchip Technology MCP6G01 Datasheet HTML 7Page - Microchip Technology MCP6G01 Datasheet HTML 8Page - Microchip Technology MCP6G01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pin (VIN) ......................................±2mA
Analog Input (VIN) †† ..................... VSS –1.0VtoVDD +1.0V
All other Inputs and Outputs........... VSS –0.3VtoVDD +0.3V
Output Short Circuit Current...................................continuous
Current at Output and Supply Pins
................................ ±30 mA
Storage Temperature.....................................-65°C to +150°C
Junction Temperature..................................................+150°C
ESD protection on all pins (HBM; MM)
................ ≥ 4 kV; 200V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.4 “Input Voltage and Current Limits”.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V,
VIN = (0.3V)/G, RL = 100 kΩ to VDD/2, GSEL = VDD/2, and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Amplifier Inputs (VIN)
Input Offset Voltage
VOS
–4.5
±1.0
+4.5
mV
G = +1
—
±1.0
—
mV
G = +10, +50
Input Offset Voltage Drift
ΔVOS/ΔTA
—
±2
—
µV/°C
G = +1, TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
65
80
—
dB
G = +1 (Note 1)
Input Bias Current
IB
—1
—
pA
Input Bias Current at
IB
—30—
pA
TA = +85°C
Temperature
IB
—
1000
5000
pA
TA = +125°C
Input Impedance
ZIN
—1013||6
—
Ω||pF
Amplifier Gain
Nominal Gains
G
—
1 to 50
—
V/V
+1, +10 or +50
DC Gain Error G = +1
gE
–0.3
—
+0.3
%
VOUT ≈ 0.3V to VDD − 0.3V
G
≥ +10
gE
–1.0
—
+1.0
%
VOUT ≈ 0.3V to VDD − 0.3V
DC Gain Drift G = +1
ΔG/ΔTA
—±1—
ppm/°C
TA = -40°C to +125°C
G
≥ +10
ΔG/ΔTA
—±4—
ppm/°C
TA = -40°C to +125°C
Ladder Resistance (Note 1)
Ladder Resistance
RLAD
200
350
500
k
Ω
Ladder Resistance
across Temperature
ΔRLAD/ΔTA
—
–1800
—
ppm/°C
TA = -40°C to +125°C
Amplifier Output
DC Output Non-linearity G = +1
VONL
–0.2
—
+0.2
% of FSR VOUT = 0.3V to VDD –0.3V,
VDD =1.8V
VONL
–0.1
—
+0.1
% of FSR VOUT = 0.3V to VDD –0.3V,
VDD =5.5V
DC Output Non-linearity, G = +10, +50
VONL
–0.05
—
+0.05
% of FSR VOUT = 0.3V to VDD –0.3V
Maximum Output Voltage Swing
VOH, VOL
VSS+10
—
VDD–10
mV
G = +1; 0.3V output overdrive
VOH, VOL
VSS+10
—
VDD–10
mV
G
≥ +10; 0.5V output overdrive
Short Circuit Current
ISC
—±7—
mA
VDD = 1.8V
ISC
—±20
—
mA
VDD = 5.5V
Note 1:
RLAD (RF+RG in Figure 4-1) connects VSS, VOUT, and the inverting input of the internal amplifier. Thus, VSS is coupled
to the internal amplifier and the PSRR spec describes PSRR+ only. It is recommended that the VSS pin be tied directly
to ground to avoid noise problems.
2:
IQ includes current in RLAD (typically 0.6 µA at VOUT = 0.3V), and excludes digital switching currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com