Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6G01-E/MS
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP6G01-E/MS Datasheet HTML 1Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 2Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 3Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 4Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 5Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 6Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 7Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 8Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 5
MCP6G01/1R/1U/2/3/4
FIGURE 1-1:
Gain Select Timing Diagram.
GSEL High to Valid Output Time,
G = +10 to +50 Select
tGSH10
—
12
—µs
VIN = 30 mV,
GSEL = 0.75VDD to VOUT = 1.38V
GSEL Low to Valid Output Time,
G = +50 to +10 Select
tGSL50
—
9
—µs
VIN = 30 mV,
GSEL = 0.25VDD to VOUT = 0.42V
DIGITAL ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = 25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL = 100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
GSEL is a tri-level input pin. The gain is 10 when its voltage is low, 1 when it is at mid-suppy, and 50 when it is high.
2:
Not tested in production. Set by design and characterization.
3:
ISS_SHDN includes the current through the CS pin, RL and RLAD, and excludes digital switching currents. The block dia-
gram on the from page shows these current paths (through VSS).
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +1.8V to +5.5V, and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
–40
—
+125
°C
Operating Temperature Range
TA
–40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
–65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θJA
—
256
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
163
—
°C/W
Thermal Resistance, 8L-MSOP
θJA
—
206
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
120
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—
100
—
°C/W
Note 1:
The MCP6G01/1R/1U/2/3/4 family of SGAs operates over this temperature range, but operation must not cause TJ to
exceed Maximum Junction Temperature (+150°C).
GSEL
VOUT
tGSL1
0.15V
1.50V
VIN
0.150V
0.030V
0.15V
tGSM10
0.03V
1.50V
tGSH1
0.03V
tGSM50
0.30V
1.50V
tGSH10
0.30V
tGSL50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com