Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6G01-E/MS
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6G01-E/MS Datasheet HTML 13Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 14Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 15Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 16Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 17Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 18Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 19Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 20Page - Microchip Technology MCP6G01-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 17
MCP6G01/1R/1U/2/3/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL =100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
FIGURE 2-49:
GSEL Trip Point between
G = +1 and G = +10.
FIGURE 2-50:
GSEL Trip Point between
G = +1 and G = +50.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Normalized GSEL Trip Point; VGSEL/VDD
1227 Samples
G = +1 to +10
VDD = 1.8V
VDD = 5.5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Normalized GSEL Trip Point; VGSEL/VDD
1228 Samples
G = +1 to +50
VDD = 1.8V
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com