Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1402 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1402
Description  Tiny 500 mA, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1402 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1402 Datasheet HTML 1Page - Microchip Technology MCP1402 Datasheet HTML 2Page - Microchip Technology MCP1402 Datasheet HTML 3Page - Microchip Technology MCP1402 Datasheet HTML 4Page - Microchip Technology MCP1402 Datasheet HTML 5Page - Microchip Technology MCP1402 Datasheet HTML 6Page - Microchip Technology MCP1402 Datasheet HTML 7Page - Microchip Technology MCP1402 Datasheet HTML 8Page - Microchip Technology MCP1402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MCP1401/02
DS22052A-page 2
© 2007 Microchip Technology Inc.
Functional Block Diagram
Effective
Input C = 25 pF
MCP1401 Inverting
MCP1402 Non-inverting
Input
GND
VDD
300 mV
4.7V
Inverting
Non-inverting
850 µA
Output
(Each Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com