Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1402 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1402
Description  Tiny 500 mA, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1402 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1402 Datasheet HTML 1Page - Microchip Technology MCP1402 Datasheet HTML 2Page - Microchip Technology MCP1402 Datasheet HTML 3Page - Microchip Technology MCP1402 Datasheet HTML 4Page - Microchip Technology MCP1402 Datasheet HTML 5Page - Microchip Technology MCP1402 Datasheet HTML 6Page - Microchip Technology MCP1402 Datasheet HTML 7Page - Microchip Technology MCP1402 Datasheet HTML 8Page - Microchip Technology MCP1402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2007 Microchip Technology Inc.
DS22052A-page 1
MCP1401/02
Features
• High Peak Output Current: 500 mA (typ.)
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• High Capacitive Load Drive Capability:
- 470 pF in 19 ns (typ.)
- 1000 pF in 34 ns (typ.)
• Short Delay Times: 35 ns (typ.)
• Matched Rise/Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 850 mA (typ.)
- With Logic ‘0’ Input – 100 mA (typ.)
• Latch-Up Protected: Will Withstand 500 mA
Reverse Current
• Logic Input Will Withstand Negative Swing Up To 5V
• Space-saving 5L SOT-23 Package
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Motor and Solenoid Drive
General Description
The MCP1401/02 are high speed MOSFET drivers
capable of providing 500 mA of peak current. The
inverting or non-inverting single channel output is
directly controlled from either TTL or CMOS (3V to
18V). These devices also feature low shoot-through
current, matched rise/fall times and propagation delays
which make them ideal for high switching frequency
applications.
The MCP1401/02 devices operate from a 4.5V to 18V
single power supply and can easily charge and dis-
charge 470 pF gate capacitance in under 19 ns (typ).
They provide low enough impedances in both the on
and off states to ensure the MOSFETs intended state
will not be affected, even by large transients.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin.
They can accept, without damage or logic upset, up to
500 mA of reverse current being forced back into their
outputs. All terminals are fully protect against Electro-
static Discharge (ESD) up to 3 kV (HBM) and 400V
(MM).
Package Types
4
1
2
3
5
VDD
GND
IN
OUT
GND
OUT
GND
MCP1401 MCP1402
SOT-23-5
Tiny 500 mA, High-Speed Power MOSFET Driver


Similar Part No. - MCP1402

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1402T-E/OT MICROCHIP-MCP1402T-E/OT Datasheet
350Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
More results

Similar Description - MCP1402

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
Tiny 7A MOSFET Gate Driver
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
logo
Semtech Corporation
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
high speed syncronous power mosfet driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com