Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725-1202E/SN Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1725-1202E/SN
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725-1202E/SN Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1725-1202E/SN Datasheet HTML 8Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 9Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 10Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 11Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 12Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 13Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 14Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 15Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP1725
DS22026A-page 12
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VOUT + 0.5V or VIN = 2.3V (whichever is greater), IOUT = 1 mA,
CIN = COUT = 4.7 µF Ceramic (X7R), SHDN = VIN, CDELAY = Open, Fixed Output Version, and TA = +25°C.
FIGURE 2-25:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 2.5V
Fixed).
FIGURE 2-26:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 2.5V
Fixed).
FIGURE 2-27:
2.5V (Adj.) Startup from VIN.
FIGURE 2-28:
2.5V (Adj.) Startup from
Shutdown.
FIGURE 2-29:
Power Good (PWRGD)
Timing with Cdelay of 1000 pF (2.5V Fixed).
FIGURE 2-30:
Power Good (PWRGD)
Timing with CDELAY of 0.01 µF (2.5V Fixed).
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VR=2.5V Fixed
COUT=4.7 μF ceramic X7R
VIN=3.3V
CIN=0 μF
IOUT=10 mA
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VR=2.5V Fixed
COUT=22 μF ceramic X7R
VIN=3.3V
CIN=0 μF
IOUT=10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com