Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725-1202E/SN Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1725-1202E/SN
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725-1202E/SN Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1725-1202E/SN Datasheet HTML 14Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 15Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 16Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 17Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 18Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 19Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 20Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 21Page - Microchip Technology MCP1725-1202E/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP1725
DS22026A-page 18
© 2006 Microchip Technology Inc.
4.6
CDELAY Input
The CDELAY input is used to provide the power-up
delay timing for the power good output, as discussed in
the previous section. By adding a capacitor from the
CDELAY pin to ground, the PWRGD power-up time
delay can be adjusted from 200 µs (no capacitance on
CDELAY) to 300 ms (0.1 µF of capacitance on CDELAY).
See Section 1.0 “Electrical Characteristics” for
CDELAY timing tolerances.
Once the power good threshold (rising) has been
reached, the CDELAY pin charges the external capacitor
to VIN. The charging current is 140 nA (typical). The
PWRGD output will transition high when the CDELAY
pin voltage has charged to 0.42V. If the output falls
below the power good threshold limit during the
charging time between 0.0V and 0.42V on the CDELAY
pin, the CDELAY pin voltage will be pulled to ground,
thus resetting the timer. The CDELAY pin will be held low
until the output voltage of the LDO has once again risen
above the power good rising threshold. A timing
diagram showing CDELAY, PWRGD and VOUT is shown
in Figure 4-4.
FIGURE 4-4:
CDELAY and PWRGD Timing
Diagram.
4.7
Shutdown Input (SHDN)
The SHDN input is an active-low input signal that turns
the LDO on and off. The SHDN threshold is a
percentage of the input voltage. The typical value of
this shutdown threshold is 30% of VIN, with minimum
and maximum limits over the entire operating
temperature range of 45% and 15%, respectively.
The SHDN input will ignore low-going pulses (pulses
meant to shut down the LDO) that are up to 400 ns in
pulse width. If the shutdown input is pulled low for more
than 400 ns, the LDO will enter Shutdown mode. This
small bit of filtering helps to reject any system noise
spikes on the shutdown input signal.
On the rising edge of the SHDN input, the shutdown
circuitry has a 30 µs delay before allowing the LDO
output to turn on. This delay helps to reject any false
turn-on signals or noise on the SHDN input signal. After
the 30 µs delay, the LDO output enters its soft-start
period as it rises from 0V to its final regulation value. If
the SHDN input signal is pulled low during the 30 µs
delay period, the timer will be reset and the delay time
will start over again on the next rising edge of the
SHDN input. The total time from the SHDN input going
high (turn-on) to the LDO output being in regulation is
typically 100 µs. See Figure 4-5 for a timing diagram of
the SHDN input.
FIGURE 4-5:
Shutdown Input Timing
Diagram.
VOUT
TPG
VPWRGD_TH
CDELAY
CDELAY Threshold (0.42V)
PWRGD
0V
VIN (typ)
SHDN
VOUT
30 µs
70 µs
TOR
400 ns (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com