Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2026A-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2026A-S08-R
Description  DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2026A-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US2026A-S08-R Datasheet HTML 1Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 2Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 3Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 4Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 5Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 6Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 7Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 8Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2026A
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R502-086.B
DUAL-CHANNEL USB POWER
SWITCH AND OVER-CURRENT
PROTECTION
DESCRIPTION
The UTC US2026A is a standard dual channels power switch with
independent over-current protection fault flag functions, optimized for
bus-powered Universal Serial Bus (USB) and self-powered
applications, including Notebook and desktop PC’s that supply
power to more than one port.
The UTC US2026A also offers thermal shutdown protection that
reduces current consumption in fault modes for each switch and the
entire device. With a 1ms delay on the fault FLAG output prevents
erroneous over current reporting caused by in-rush currents during
hot-plug events.
In addition, the UTC US2026A employs soft-start circuitry that
minimizes in-rush current in applications where highly capacitive
loads are employed.
FEATURES
* Two P-channel power MOSFET control switch
* 110µA Max operating current
* 5µA Max standby current
* 145 mΩ Max switch resistance
* 2.7V ~ 5.5V input voltage range
* 500mA minimum continuous load current
* Smooth turn-on eliminates in-rush induced voltage drop
* 1 ms fault flag delay filters Hot-Plug events
* Over-current protection
* Under-voltage lockout circuit
* Thermal shutdown protection
* Flag indicates fault conditions
SOP-8
*Pb-free plating product number: US2026AL
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
US2026A-S08-R
US2026AL-S08-R
SOP-8
Tape Reel
US2026A-S08-T
US2026AL-S08-T
SOP-8
Tube


Similar Part No. - US2026A-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2026A-S08-R UTC-US2026A-S08-R Datasheet
229Kb / 11P
DUAL-CHANNEL USB POWER SWITCH
More results

Similar Description - US2026A-S08-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
ON Semiconductor
FPF2488 ONSEMI-FPF2488 Datasheet
471Kb / 12P
Dual Channel Over-Voltage Protection Load Switch
February 2015 Rev. 1.4
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com