Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12C671 Datasheet(PDF) 94 Page - Microchip Technology

Part # 12C671
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C671 Datasheet(HTML) 94 Page - Microchip Technology

Back Button 12C671 Datasheet HTML 90Page - Microchip Technology 12C671 Datasheet HTML 91Page - Microchip Technology 12C671 Datasheet HTML 92Page - Microchip Technology 12C671 Datasheet HTML 93Page - Microchip Technology 12C671 Datasheet HTML 94Page - Microchip Technology 12C671 Datasheet HTML 95Page - Microchip Technology 12C671 Datasheet HTML 96Page - Microchip Technology 12C671 Datasheet HTML 97Page - Microchip Technology 12C671 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 129 page
background image
PIC12C67X
DS30561B-page 94
© 1999 Microchip Technology Inc.
12.2
DC Characteristics:
PIC12LC671/672 (Commercial, Industrial)
PIC12LCE673/674 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0°C
≤ TA ≤ +70°C (commercial)
–40°C
≤ TA ≤ +85°C (industrial)
Param
No.
Characteristic
Sym
Min
Typ† Max Units
Conditions
D001
Supply Voltage
VDD
2.5
5.5
V
D002
RAM Data Retention
Voltage(2)
VDR
1.5*
V
Device in SLEEP mode
D003
VDD Start Voltage to
ensure Power-on Reset
VPOR
VSS
V
See section on Power-on Reset for details
D004
VDD Rise Rate to ensure
Power-on Reset
SVDD
0.05*
V/ms See section on Power-on Reset for details
D010
D010C
D010A
Supply Current(3)
IDD
—
—
—
0.4
0.4
15
2.1
2.1
33
mA
mA
µA
FOSC = 4MHz, VDD = 2.5V
XT and EXTRC mode (Note 4)
FOSC = 4MHz, VDD = 2.5V
INTRC mode (Note 6)
FOSC = 32kHz, VDD = 2.5V, WDT disabled
LP mode, Industrial Temperature
D020
D021
D021B
Power-down Current(5)
IPD
—
—
0.2
0.2
5
6
µA
µA
VDD = 2.5V, Commercial
VDD = 2.5V, Industrial
Watchdog Timer Current
∆IWDT
—2.0
2.0
4
6
µA
µA
VDD = 2.5V, Commercial
VDD = 2.5V, Industrial
LP Oscillator Operating
Frequency
INTRC/EXTRC Oscillator
Operating Frequency
XT Oscillator Operating
Frequency
HS Oscillator Operating
Frequency
FOSC
0
—
0
0
200
4(6)
4
10
kHz
MHz
MHz
MHz
All temperatures
All temperatures
All temperatures
All temperatures
*
These parameters are characterized but not tested.
Note 1:
Data in Typical ("Typ") column is based on characterization results at 25°C. This data is for design guidance only and is not
tested.
2: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus loading, oscillator
type, bus rate, internal code execution pattern, and temperature also have an impact on the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tristated, pulled to VSS, T0CKI = VDD,
MCLR = VDD; WDT disabled.
b) For standby current measurements, the conditions are the same, except that the device is in SLEEP mode.
4: For EXTRC osc configuration, current through REXT is not included. The current through the resistor can be estimated by the
formula:
Ir = VDD/2REXT (mA) with REXT in kOhm.
5: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with the
part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
6: INTRC calibration value is for 4MHz nominal at 5V, 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com