Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01-E/ST Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6G01-E/ST
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01-E/ST Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6G01-E/ST Datasheet HTML 2Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 3Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 4Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 5Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 6Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 7Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 8Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 9Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 6
© 2006 Microchip Technology Inc.
FIGURE 1-2:
SGA Chip Select Timing Diagram.
CS
tCSOFF
VOUT
tCSON
High-Z
High-Z
IDD
120 pA (typ.)
110 µA (typ.)
0.9VDD
ISS
–VDD / 7 MΩ (typ.)
–110 µA (typ.)
ICS
30 pA (typ.)
VDD / 7 MΩ (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com